Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EIG1-R Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZSC31015EIG1-R
Description  RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31015EIG1-R Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZSC31015EIG1-R Datasheet HTML 9Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 10Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 11Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 12Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 13Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 14Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 15Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 16Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
© 2016 Integrated Device Technology, Inc
13
November 14, 2016
ZSC31015 Datasheet
Analog Block
Digital Block
RBicdLite
ZSC31015
0.1
F
VSS
VBP
12-Bit
DAC
OUTBUF1
ZACwire
TM
Interface
Digital
Core
EEPROM
with Charge
Pump
PREAMP
INMUX
Temperature
Reference
VDD
Regulator
Power Save
POR/Oscillator
VBN
Vgate
SIG
TM
Bsink
(Optional)
VDD (2.7 to 5.5 V)
JFET
1
(Optional if supply is 2.7 to 5.5 V)
D
S
VSUPPLY
5.5 V to 30 V
Sensor
Diagnostics
Ext Temp
Power Lost
Diagnostic
A
D
14-Bit ADC
_
+
PTAT
Optional
Ext. Diode
for Temp
0 V to 1 V
Ratiometric
Rail-to-Rail
OWI/ZACwire
TM
2
Circuit Description
2.1.
Signal Flow and Block Diagram
The ZSC31015 resistive bridge sensor interface ICs were specifically designed as cost-effective solutions for
sensing in building automation, automotive *, industrial, office automation and white goods applications. The
ZSC31015 employs IDT
’s high precision bandgap with proportional-to-absolute-temperature (PTAT) output; low-
power 14-bit analog-to-digital converter (ADC, A2D, A-to-D); and an on-chip DSP core with EEPROM to precisely
calibrate the bridge output signal.
Three selectable outputs, two analog and one digital, offer the ultimate in versatility across many applications.
The ZSC31015 rail-to-rail ratiometric analog Vout signal (0V to ~5 V Vout @ VDD=5V) suits most building automation
and automotive requirements (12-bit resolution). Typical office automation and white goods applications require
the 0 to ~1V Vout signal, which in the ZSC31015 is referenced to the internal bandgap. The ZSC31015 is capable
of running in high-voltage (5.5 to 30V) systems when combined with an external JFET.
Direct interfacing to
P controllers is facilitated via IDT’s single-wire serial ZACwire™ digital interface.
Figure 2.1
ZSC31015 Block Diagram
* Not AEC-Q100-qualified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com