Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EIG1-R Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # ZSC31015EIG1-R
Description  RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31015EIG1-R Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button ZSC31015EIG1-R Datasheet HTML 43Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 44Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 45Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 46Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 47Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 48Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 49Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 50Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 53 page
background image
© 2016 Integrated Device Technology, Inc
47
November 14, 2016
ZSC31015 Datasheet
1
2
3
4
8
7
6
5
Bsink
VBP
ExtTemp
VBN
VSS
Sig
TM
VDD
Vgate
6
Pin Configuration and Package
The standard package of the ZSC31015 is an SOP-8 (3.81 mm / 150 mil body) with a lead-pitch 1.27 mm / 50 mil.
Table 6.1
Storage and Soldering Conditions for SOP-8 Package
Parameter
Symbol
Conditions
Min
Typical
Max
Units
Maximum Storage Temperature
Tmax_storage
Less than 10hrs, before mounting
150
C
Minimum Storage Temperature:
Tmin_storage
Store in original packing only
-50
C
Maximum Dry-Bake Temperature
Tdrybake
Less than100 hrs total, before
mounting
125
C
Soldering Peak Temperature
Tpeak
Less than 30s
(IPC/JEDEC-STD-020 Standard)
260
C
Figure 6.1
ZSC31015 Pin-Out Diagram
Table 6.2
ZSC31015 Pin Configuration
Pin No.
Name
Description
1
Bsink
Optional ground connection for bridge ground; used for power savings
2
VBP
Positive bridge connection
3
ExtTemp
External diode connection
4
VBN
Negative bridge connection
5
Vgate
Gate control for external JFET regulation/over-voltage protection
6
VDD
Supply voltage (2.7 to 5.5 V)
7
Sig™
ZACwire™ interface (analog out, digital out, calibration interface)
8
VSS
Ground supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com