Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EIG1-R Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # ZSC31015EIG1-R
Description  RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31015EIG1-R Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button ZSC31015EIG1-R Datasheet HTML 29Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 30Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 31Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 32Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 33Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 34Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 35Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 36Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
© 2016 Integrated Device Technology, Inc
33
November 14, 2016
ZSC31015 Datasheet
3.5.
EEPROM Bits
Table 3.5 shows the bit order and default settings for the EEPROM, which are programmed through the serial
interface. See section 5 for important information for die/wafer customers.
Table 3.5
ZSC31015 EEPROM Bits
EEPROM
Range
Description
Default
Settings
As of ww08/2009
Notes
2:0
Osc_Trim
0HEX
This default setting
minimizes risk of
communication
failure on start-up.
(Actual part-specific
factory values for
Osc_Trim are
initially stored in bits
in CUST_ID1 and
CUST_ID2 for appli-
cations requiring op-
timal response time.
See section 5 for
important notes.)
See section 2.5 for details on oscillator trim.
100 => Fastest
101 => 3 clicks faster than nominal
110 => 2 clicks faster than nominal
111 => 1 click faster than nominal
000 => Nominal
001 => 1 click slower than nominal
010 => 2 clicks slower than nominal
011 => Slowest
6:3
1V_Trim/JFET_Trim
ssssBIN
where “s” is the part-
specific factory bit
setting for the
reference voltage
trim value.
(Back-up copies are
stored in CUST_ID0
for applications re-
quiring accurate
references. See
section 5 for impor-
tant notes.)
See Table 2.1
in the “Voltage Reference Block” section.
10:7
A2D_Offset
3HEX
The upper two bits are flip polarity and invert bridge input
(negative gain) respectively. If both are used in conjunction,
negative offset modes can be achieved.
00 => normal polarity, positive gain
01 => normal polarity, negative gain
10 => flip polarity, positive gain
11 => flip polarity, negative gain
The lower two bits form the ADC offset selection.
Offset selection:
11 => [-1/2,1/2] mode bridge inputs
10 => [-1/4,3/4] mode bridge inputs
01 => [-1/8,7/8] mode bridge inputs
00 => [-1/16,15/16] mode bridge inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com