Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150GAG2-R Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ZSC31150GAG2-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31150GAG2-R Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ZSC31150GAG2-R Datasheet HTML 6Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 7Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 8Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 9Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 10Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 11Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 12Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 13Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
ZSC31150 Datasheet
© 2016 Integrated Device Technology, Inc.
10
December 6, 2016
2.
Circuit Description
Note: This data sheet provides specifications and a general overview of ZSC31150 operation. For details of operation, including configuration
settings and related EEPROM registers, refer to the ZSC31150 Functional Description.
2.1 Signal Flow
The ZSC31150’s signal path includes both analog (shown in blue in Figure 2.1) and digital (pink) sections. The analog path is differential; i.e.,
the differential bridge sensor signal is handled internally via two signal lines that are symmetrical around a common mode potential (analog
ground = VDDA/2), which improves noise rejection.
Consequently, it is possible to amplify positive and negative input signals, which are located within the common mode range of the signal
input.
Figure 2.1 Block Diagram of the ZSC31150
PGA
TS
ADC
CMC
ROM
RAM
EEPROM
DAC
BAMP
ZACwire™
I2C
Analog Block
Digital Block
ZSC31150
Digital
Data I/O
Analog
Out
The differential signal from the bridge sensor is pre-amplified by the programmable gain amplifier (PGA). The multiplexer (MUX) transmits the
signals from either the bridge sensor, the external diode, or the separate temperature sensor to the analog-to-digital converter (ADC) in a
specific sequence (the internal pn-junction (TS) can be used instead of the external temperature diode). Next, the ADC converts these signals
into digital values.
The digital signal correction takes place in the calibration microcontroller (CMC). It is based on a correction formula located in the ROM and
sensor-specific coefficients stored in the EEPROM during calibration. Depending on the programmed output configuration, the corrected
sensor signal is output as an analog value or in a digital format (I2C or ZACwire™). The configuration data and the correction parameters can
be programmed into the EEPROM via the digital interfaces.
2.2 Application Modes
For each application, a configuration set must be established (generally prior to calibration) by programming the on-chip EEPROM regarding
to the following modes:
Sensor Channel
Sensor mode: ratiometric bridge excitation in voltage or current supply mode.
Input range: the gain adjustment of the AFE with respect to the maximum sensor signal span and the zero point of the ADC have to be
chosen.
An additional analog offset compensation, the Extended Zero-Point Compensation (XZC), must be enabled if required; e.g., if the sensor
offset voltage is close to or larger than the sensor span.
Resolution/response time: The ADC must be configured for resolution and conversion settings (1st or 2nd order). These settings influence
the sampling rate, signal integration time, and, as a result, the noise immunity.
Temperature
Temperature measurement: the source for the temperature correction must be chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com