Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150GAG2-R Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ZSC31150GAG2-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31150GAG2-R Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ZSC31150GAG2-R Datasheet HTML 7Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 8Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 9Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 10Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 11Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 12Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 13Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 14Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
ZSC31150 Datasheet
© 2016 Integrated Device Technology, Inc.
11
December 6, 2016
2.3 Analog Front End (AFE)
The analog front end (AFE) consists of the programmable gain amplifier (PGA), the multiplexer (MUX), and the analog-to-digital converter
(ADC).
2.3.1 Programmable Gain Amplifier (PGA)
Table 2.1 shows the adjustable gains, the sensor signal spans, and the allowed common mode range.
Table 2.1 Adjustable Gains, Resulting Sensor Signal Spans, and Common Mode Ranges
No.
Overall Gain
aIN
Max. Span
VIN_SP
[mV/V] [a]
Gain
Amp1
Gain
Amp2
Gain
Amp3
Input Common Mode Range
VIN_CM as % of VDDA [b]
XZC = Off
XZC = On
1
420
1.8
30
7
2
29 to 65
45 to 55
2
280
2.7
30
4.66
2
29 to 65
45 to 55
3
210
3.6
15
7
2
29 to 65
45 to 55
4
140
5.4
15
4.66
2
29 to 65
45 to 55
5
105
7.1
7.5
7
2
29 to 65
45 to 55
6
70
10.7
7.5
4.66
2
29 to 65
45 to 55
7
52.5
14.3
3.75
7
2
29 to 65
45 to 55
8
35
21.4
3.75
4.66
2
29 to 65
45 to 55
9
26.3
28.5
3.75
3.5
2
29 to 65
45 to 55
10
14
53.75
1
7
2
29 to 65
45 to 55
11
9.3
80
1
4.66
2
29 to 65
45 to 55
12
7
107
1
3.5
2
29 to 65
45 to 55
13
2.8
267
1
1.4
2
32 to 57
not applicable
[a] Recommended internal signal range maximum is 80% of the VDDA voltage. Span is calculated by the following formula:
Span = 80% / gain.
[b] Bridge in Voltage Mode with maximum input signal (with XZC = +300% Offset), 14-bit accuracy. Refer to the ZSC31150 Functional
Description for usable input signal/common mode range at bridge in current mode. See section 2.3.2 for an explanation of the extended
analog zero compensation (XZC).
2.3.2 Offset Compensation
The ZSC31150 supports two methods of sensor offset compensation (zero shift):
Digital offset correction
XZC: analog compensation for large offset values (up to a maximum of approximately 300% of the span, depending on the gain
adjustment)
The digital sensor offset correction will be processed during the digital signal correction/conditioning by the calibration microcontroller (CMC).
Analog sensor offset pre-compensation is needed for compensation of large offset values, which would overdrive the analog signal path by
uncompensated gaining. For analog sensor offset pre-compensation, a compensation voltage is added in the analog pre-gaining signal path
(coarse offset removal). The analog offset compensation in the AFE can be adjusted by 6 EEPROM bits (refer to the ZSC31150 Functional
Description for details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com