Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150GAG2-R Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ZSC31150GAG2-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31150GAG2-R Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ZSC31150GAG2-R Datasheet HTML 14Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 15Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 16Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 17Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 18Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 19Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 20Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 21Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
ZSC31150 Datasheet
© 2016 Integrated Device Technology, Inc.
18
December 6, 2016
3. Application Circuit Examples
The application circuits contain external components that are needed for over-voltage, reverse polarity, and short circuit protection.
Recommendation: Check the ZSC31150 product page www.IDT.com/ZSC31150 for other application examples given in application notes.
Note: Some application notes require a customer login—see section 9 for details.
Table 3.1 Application Circuit Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Notes
C1
C
100
470
nF
C2
C
100
nF
C3 [a]
C
4
47
160
nF
The value of C3 is the sum of the load capacitor and
the cable capacitance.
C4, C5 [a]
C
0
10
nF
Recommended to increase EMC immunity.
R1
10
kΩ
RIBR
R
Refer to section 1.2.
Ω
[a]
Higher values for C3, C4, and C5 increase EMC immunity.
Figure 3.1 Bridge in Voltage Mode, External Diode Temperature Sensor
2
1
3
4
6
5
7
14
13
12
11
10
Serial Interface
Sensor Bridge
SDA
SCL
Out / OWI
GND
VSUPP
C3
47nF
+4.5V to +5.5V
VDDA
VSSA
SDA
SCL
n.c.
VDD
VDDE
IRTEMP
VBR_T
VBP
VBR_B
VBN
AOUT
VSSE
9
8
C2
100nF
C1
100nF
Temperature Sensor
C5
C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com