Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150GAG2-R Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZSC31150GAG2-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31150GAG2-R Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZSC31150GAG2-R Datasheet HTML 9Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 10Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 11Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 12Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 13Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 14Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 15Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 16Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
ZSC31150 Datasheet
© 2016 Integrated Device Technology, Inc.
13
December 6, 2016
Figure 2.2 Measurement Cycle
Start Routine
1
Temperature auto-zero
n
Bridge sensor measurement
1
Temperature measurement
n
Bridge sensor measurement
1
Bridge sensor auto-zero
n
Bridge sensor measurement
1
CMV
n
Bridge sensor measurement
1
SSC/SCC+
n
Bridge sensor measurement
1
SSC/SCC-
n
Bridge sensor measurement
2.3.4 Analog-to-Digital Converter
The ADC is an integrating analog-to-digital converter in full differential switched capacitor technique.
Programmable ADC resolutions are rADC=<13, 14> or with segmentation, rADC=<15, 16> bit.
The ADC can be used as a first or second order converter. In the first order mode, it is inherently monotone and insensitive to short and
long-term instability of the clock frequency. The conversion cycle time depends on the desired resolution and can be roughly calculated by the
following equation where rADC is the ADC resolution and tADC_1 is the conversion cycle time in seconds in first-order mode:
2
2
t
ADC_1
OSC
r
f
ADC
In the second order mode, two conversions are stacked with the advantage of a much shorter conversion cycle time but the drawback of a
lower noise immunity caused by the shorter signal integration period. The approximate conversion cycle time tADC_2 in second-order mode is
calculated by the following equation:
2
2
t
2
/
)
3
(
ADC_2
OSC
r
f
ADC
The calculation formulas for tADC give an overview of conversion time for one AD conversion. Refer to the ZSC31150 Bandwidth Calculation
Spreadsheet for detailed calculations for sampling time and bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com