Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150GAG2-R Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ZSC31150GAG2-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31150GAG2-R Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ZSC31150GAG2-R Datasheet HTML 16Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 17Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 18Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 19Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 20Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 21Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 22Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 23Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
ZSC31150 Datasheet
© 2016 Integrated Device Technology, Inc.
20
December 6, 2016
4. Pin Configuration, Latch-Up and ESD Protection
4.1 Pin Configuration and Latch-up Conditions
Table 4.1 Pin Configuration and Latch-Up Conditions
Pin
Name
Description
Notes
Usage/
Connection [a]
Latch-up Related Application Circuit
Restrictions and/or Notes
1
VDDA
Positive analog supply voltage
Analog IO
Required/-
2
VSSA
Negative analog supply voltage
Analog IO
Required/-
3
SDA
I2C data IO
Digital IO,
pull-up
-/VDDA
Trigger Current/Voltage to VDDA/VSSA:
+/-100mA or 8/-4V
4
SCL
I2C clock
Digital IN,
pull-up
-/VDDA
5
N.C.
No connection
6
VDD
Positive digital supply voltage
Analog IO
Required or
open/-
Only capacitor to VSSA is allowed,
otherwise no application access
7
VDDE
Positive external supply
voltage
Supply
Required/-
Trigger Current/Voltage: -100mA/33V
8
VSSE
Negative external supply
voltage
Ground
Required/-
9
AOUT
Analog output and one wire
IF IO
IO
Required/-
Trigger Current/Voltage: -100mA/33V
10
VBN
Negative input sensor bridge
Analog IN
Required/-
11
VBR_B
Bridge bottom potential
Analog IO
Required/VSSA
Depending on application circuit,
short to VDDA/VSSA possible
12
VBP
Positive input sensor bridge
Analog IN
Required/-
13
VBR_T
Bridge top potential
Analog IO
Required / VDDA
14
IRTEMP
Temp sensor and current
source resistor
Analog IO
- / VDDA, VSSA
Depending on application circuit
[a] Usage: If “Required” is specified, an electrical connection is necessary; refer to the application circuits in section 3.
Connection: To be connected to this potential if not used or if no application/configuration-related constraints are given.
4.2 ESD Protection
All pins have an ESD protection of > 2000V. Additionally, the pins VDDE, VSSE and AOUT have an ESD protection of >4000V.
ESD protection referenced to the Human Body Model is tested with devices during product qualification. The ESD test follows the Human
Body Model with 1.5kΩ/100pF based on MIL 883, Method 3015.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com