Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150GAG2-R Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZSC31150GAG2-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31150GAG2-R Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZSC31150GAG2-R Datasheet HTML 1Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 2Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 3Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 4Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 5Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 6Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 7Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 8Page - Renesas Technology Corp ZSC31150GAG2-R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
ZSC31150 Datasheet
© 2016 Integrated Device Technology, Inc.
2
December 6, 2016
PGA
TS
ADC
CMC
ROM
RAM
EEPROM
DAC
BAMP
ZACwire™
I2C
Analog Block
Digital Block
ZSC31150
Digital
Data I/O
Analog
Out
ZSC31150
Block Diagram
Ordering Information
Sales Code
Description
Package
ZSC31150GE
ZSC31150 Die – Temperature range: -40°C to +150°C
Unsawn on Wafer: add “B” to sales code
Sawn on Wafer Frame: add “C”
Waffle Pack: add “D”
ZSC31150GEG2-R
ZSC31150 14-DFN (5
 4 mm; wettable flanks) – Temperature
range: -40°C to 150°C
Tape and Reel
ZSC31150GAG2-R
ZSC31150 14-DFN (5
 4 mm; wettable flanks) – Temperature
range: -40°C to 125°C
Tape and Reel
ZSC31150GAB
ZSC31150 Die – Temperature range: -40°C to +125°C
Unsawn on Wafer
ZSC31150GAC
ZSC31150 Die – Temperature range: -40°C to +125°C
Sawn on Wafer Frame
ZSC31150GEG1
ZSC31150 14-SSOP – Temperature range: -40°C to +150°C
Tube: add “-T” to sales code
Tape & Reel: add “-R”
ZSC31150GLG1
ZSC31150 14-SSOP – Temperature range: -40°C to +150°C
(Long life: 5000h @150°C)
ZSC31150GAG1
ZSC31150 14-SSOP – Temperature range: -40°C to +125°C
ZSC31150KITV1P2
ZSC31150 SSC Evaluation Kit V1.2: Three interconnecting boards, five ZSC31150 SSOP14 samples, USB cable
(software can be downloaded from product page at www.IDT.com/ZSC31150)
ZSC31150MCSV1P1
Modular Mass Calibration System (MSC) V1.1 for ZSC31150: MCS boards, cable, connectors (software can be
downloaded from product page)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com