Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF30 Datasheet(PDF) 4 Page - 3M Electronics

Part # AF30
Description  3m Scotch-WeldTM Structural Adhesive Film
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF30 Datasheet(HTML) 4 Page - 3M Electronics

  AF30 Datasheet HTML 1Page - 3M Electronics AF30 Datasheet HTML 2Page - 3M Electronics AF30 Datasheet HTML 3Page - 3M Electronics AF30 Datasheet HTML 4Page - 3M Electronics AF30 Datasheet HTML 5Page - 3M Electronics AF30 Datasheet HTML 6Page - 3M Electronics AF30 Datasheet HTML 7Page - 3M Electronics AF30 Datasheet HTML 8Page - 3M Electronics AF30 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 30 (5, 10 and 12 mil)
Miscellaneous Test Data – 3M™ Scotch-Weld™ Structural Adhesive Film AF 30 (10 mil) /
3M™ Scotch-Weld™ Structural Adhesive Primer EC-1660
Scotch-Weld AF 30 (10 mil) on Anodized Aluminum
Overlap Shear (psi) – Cured @ 330°F, 60 minutes, 100 psi, 5-6°F/minute rise (@ 166°C, 60 minutes, 689 KPa,
2.8-3.3°C/minute rise)
Scotch-Weld AF 30 /
Scotch-Weld EC-1660
Test Temperature
(5% solids)
-67°F
(-55°C)
2300 psi
(15.8 MPa)
75°F
(24°C)
4400 psi
(30.3 MPa)
180°F
(82°C)
2600 psi
(17.9 MPa)
250°F
(121°C)
1855 psi
(12.8 MPa)
300°F
(149°C)
1700 psi
(11.7 MPa)
350°F
(177°C)
1430 psi
(9.9 MPa)
- 4 -
Scotch-Weld AF 30 (10 mil) Low Temperature Cure Test Data
Cured 2 hours @ 250°F, 90 psi, 10°F/minute rise (121°C, 620 KPa, 5.6°C/minute rise)
Scotch-Weld AF 30 /
Scotch-Weld EC-1660
Test Temperature
(5% solids)
-67°F
(-55°C)
1870 psi
(12.9 MPa)
75°F
(24°C)
4290 psi
(29.6 MPa)
180°F
(82°C)
1835 psi
(12.6 MPa)
250°F
(121°C)
1245 psi
(8.6 MPa)
300°F
(149°C)
870 psi
(6.0 MPa)
350°F
(177°C)
1025 psi
(7.1 MPa)
Coefficient of Thermal Expansion – Scotch-Weld AF 30 (10 mil) (Per ASTM D 696)
Below 0°F (-18°C)
540 x 10-7/°F
Above 0°F (-18°C)
1050 x 10-7/°F
Product Performance
(continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com