Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF30 Datasheet(PDF) 8 Page - 3M Electronics

Part # AF30
Description  3m Scotch-WeldTM Structural Adhesive Film
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF30 Datasheet(HTML) 8 Page - 3M Electronics

Back Button AF30 Datasheet HTML 4Page - 3M Electronics AF30 Datasheet HTML 5Page - 3M Electronics AF30 Datasheet HTML 6Page - 3M Electronics AF30 Datasheet HTML 7Page - 3M Electronics AF30 Datasheet HTML 8Page - 3M Electronics AF30 Datasheet HTML 9Page - 3M Electronics AF30 Datasheet HTML 10Page - 3M Electronics AF30 Datasheet HTML 11Page - 3M Electronics AF30 Datasheet HTML 12Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 30 (5, 10 and 12 mil)
- 8 -
Product Application
Surface Preparations
A thoroughly cleaned, dry, grease free surface is essential for maximum performance. Cleaning methods which will
produce a break-free water film on metal surfaces are generally satisfactory.
Suggested Cleaning Procedure for Aluminum
1. Alkaline Degrease – Oakite 164 solution (9-11 oz/gallon water) at 190°F ± 10°F (87.8°C ± 5.6°C) for 10-20
minutes. Rinse immediately in large quantities of cold running water.
2. Optimized FPL Etch Solution (1 liter):
Material
Amount
Distilled Water
700 ml plus balance of liter (see below)
Sodium Dichromate
28 to 67.3 grams
Sulfuric Acid
287.9 to 310.0 grams
Aluminum Chips
1.5 grams/liter of mixed solution
To prepare 1 liter of this solution, dissolve sodium dichromate in 700 ml of distilled water. Add sulfuric acid
and mix well. Add additional distilled water to fill to 1 liter. Heat mixed solution to 66 to 71°C (150 to 160°F).
Dissolve 1.5 grams of 2024 bare aluminum chips per liter of mixed solution. Gentle agitation will help
aluminum dissolve in about 24 hours.
To FPL etch panels, place them in the above solution at 150 to 160°F (66 to 71°C) for 12 to 15 minutes.
3. Rinse – Rinse panels in clear running water.
4. Dry – Air dry 15 minutes; force dry 10 minutes (minimum) at 140°F (60°C) maximum.
5. It is advisable to coat the freshly cleaned surfaces with primer within 4 hours after surface preparation.
Note: Read and follow safety and precautioning recommendations for the components of this etch solution prior to
preparation.
Primer Application
Advantages –
Priming of adherends offer two distinct advantages: (1) insures complete wetting of metal surfaces which normally
results in superior environmental properties, and (2) simplifies production by protecting cleaned parts until bonding
can be completed. Primers have been applied successfully by flow coating, brushing and spraying.
For additional information, please refer to the 3M™ Scotch-Weld™ Structural Adhesive Primer EC-1660 (5%)
Technical Data sheet.
Primer Dry
A primer dry which will result in a solvent free coating is generally satisfactory. Drying temperatures above 300°F
(149°C) should be avoided, since a primer overcure will hinder the wetting action of the adhesive film to the primer.
The following chart lists suggested dry cycles for primers:
Air Dry
Force Dry
Force Dry Temperature
Scotch-Weld EC-1660
30 minutes
30 minutes
225°F (107°C)
The primed surface, after cooling to ambient temperatures, is ready for adhesive bonding. The primed surface should
be protected from contamination introduced by dust, fingerprints, oil, etc.
Film Application
Care should be taken to avoid contaminating adhesive and cleaned or primed aluminum by any substance which will
hinder wetting action of the adhesive.
1. Cut portion of film to be used from roll with protective liner in place.
2. Place film on metal using the liner as a protective cover.
3. Roll film into position with a rubber roller insuring that no air is trapped between primer and film.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com