Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF30 Datasheet(PDF) 11 Page - 3M Electronics

Part # AF30
Description  3m Scotch-WeldTM Structural Adhesive Film
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF30 Datasheet(HTML) 11 Page - 3M Electronics

Back Button AF30 Datasheet HTML 4Page - 3M Electronics AF30 Datasheet HTML 5Page - 3M Electronics AF30 Datasheet HTML 6Page - 3M Electronics AF30 Datasheet HTML 7Page - 3M Electronics AF30 Datasheet HTML 8Page - 3M Electronics AF30 Datasheet HTML 9Page - 3M Electronics AF30 Datasheet HTML 10Page - 3M Electronics AF30 Datasheet HTML 11Page - 3M Electronics AF30 Datasheet HTML 12Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
- 11 -
Scotch-WeldTM
Structural Adhesive Film
AF 30 (5, 10 and 12 mil)
Storage at 40°F (4°C) or below is suggested for 3M™ Scotch-Weld™ Structural
Adhesive Film AF 30 and 3M™ Scotch-Weld™ Structural Adhesive Primer
EC-1660 to obtain maximum shelf life. Rotate stock on a “first in-first out” basis.
Caution: Scotch-Weld AF 30 and Scotch-Weld EC-1660 should be permitted to
thoroughly warm to room temperature (75°F ± 5°F [24°C ± 2.8°C])
before being used to prevent moisture condensation. Data obtained on
Scotch-Weld AF 30 stored for 90 days at 70-80°F (21-28°C) is included
in the test results of the Product Performance section.
Shelf Life
When stored at 40°F (4°C) or below Scotch-Weld AF 30 has a shelf life of 6 months
from date of shipment from 3M.
Storage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com