Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF30 Datasheet(PDF) 9 Page - 3M Electronics

Part # AF30
Description  3m Scotch-WeldTM Structural Adhesive Film
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF30 Datasheet(HTML) 9 Page - 3M Electronics

Back Button AF30 Datasheet HTML 4Page - 3M Electronics AF30 Datasheet HTML 5Page - 3M Electronics AF30 Datasheet HTML 6Page - 3M Electronics AF30 Datasheet HTML 7Page - 3M Electronics AF30 Datasheet HTML 8Page - 3M Electronics AF30 Datasheet HTML 9Page - 3M Electronics AF30 Datasheet HTML 10Page - 3M Electronics AF30 Datasheet HTML 11Page - 3M Electronics AF30 Datasheet HTML 12Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 30 (5, 10 and 12 mil)
- 9 -
Product Application (continued)
4. Remove protective liner.
5. Assemble parts and cure.
Excess primer and equipment may be cleaned up, prior to curing, with ketone* type solvent.
*Note: When using solvents, extinguish all ignition sources and follow manufacturer’s precautions and directions
for use.
Cure Cycle
General Cure Requirements
Time, temperature and pressure determine the final bond properties and may be effected by the type of curing
equipment used for each specific application. In general, the cure properties of 3M™ Scotch-Weld™ Structural
Adhesive Film AF 30 are as follows:
Tack, Flow and Cure Initiation Temperatures
The tack, flow and cure initiation temperatures for Scotch-Weld AF 30 are a time-temperature relationship and
depend upon the rate of heat input. Normally, Scotch-Weld AF 30 has the following properties:
Tack Temperature:
160°F-180°F (71°C-82°C)
Flow Temperature:
180°F-220°F (82°C-104°C)
Cure Initiation Temp.:
220°F-270°F (104°C-132°C)
Cure Pressure
Pressure is required during cure to form the part being bonded and contain any volatiles given off by the adhesive.
Cure pressure may be applied in any matter which will insure uniform constant pressure throughout the bond area.
Pressure must be uniformly applied before the curing reaction begins and maintained until a complete set has been
effected. (i.e., the bond line temperature has reached approximately 300°F (149°C). After this point is reached, the
cure may be completed without pressure if the hot strength of the adhesive is sufficient to maintain contact of the parts
being bonded. The pressure required to contain volatiles is dependent on the rate at which bond line temperature is
brought to the cure temperature. The bond line temperature rise rate for Scotch-Weld AF 30 can be varied from 1°F
to 300°F/minute (0.6°C to 166.7°C/minute). Rise rate (and cure pressure required) will depend on application, cure
temperature, bonding equipment, method of heat application, production limitations and bond properties required.
Figure I depicts typical pressure required for various bond line temperature rise rate in platen presses.
0
Bond Line Temperature Rise Rate
50°F/min
(27.8°C/min)
100°F/min
(55.6°C/min)
150°F/min
(83.8°C/min)
200°F/min
(111.1°C/min)
250°F/min
(138.9°C/min)
300°F/min
(166.7°C/min)
300
250
200
150
100
50
0
2,067
1,723
1,378
1,034
689
344.5
0
Figure I
Cure Pressure vs Bond Line Temperature
Rise in Platen Presses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com