Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF30 Datasheet(PDF) 2 Page - 3M Electronics

Part # AF30
Description  3m Scotch-WeldTM Structural Adhesive Film
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF30 Datasheet(HTML) 2 Page - 3M Electronics

  AF30 Datasheet HTML 1Page - 3M Electronics AF30 Datasheet HTML 2Page - 3M Electronics AF30 Datasheet HTML 3Page - 3M Electronics AF30 Datasheet HTML 4Page - 3M Electronics AF30 Datasheet HTML 5Page - 3M Electronics AF30 Datasheet HTML 6Page - 3M Electronics AF30 Datasheet HTML 7Page - 3M Electronics AF30 Datasheet HTML 8Page - 3M Electronics AF30 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 30 (5, 10 and 12 mil)
- 2 -
The following product performance data has been obtained in the 3M Laboratory under the conditions specified.
All data reported in this section except as noted, were developed under a cure cycle using 150 psi (1.034 MPa)
bonding pressure applied by a platen press. A 200°F/minute (111°C/minute) bond line temperature rise from 80°F
to 350°F (27°C to 177°C) with 60 ± 1 minutes at 350° ± 2°F (177° ± 1.1°C) was used.
A. Aluminum to Aluminum Overlap Bonds
The following data show typical values obtained with 3M™ Scotch-Weld™ Structural Adhesive Film AF 30
(5 mil) in aluminum overlap bonds. All properties were measured on 1" wide (25.4 mm), 1/2" (12.7 mm) overlap
specimens cut from .063" thick 4" x 7" (1.600 mm thick 101.6 mm x 177.8 mm) bonded panels of 2024-T3 clad
aluminum. Tests were conducted according to MMM-A-132 and primed with 3M™ Scotch-Weld™ Structural
Adhesive Primer EC-1660 (5% solids).
Min. MMM-A-132
Test
Type I
Type
Test
Temperature
Requirement
Average
Failure
Shear Strength
-67 ± 2°F
(-55 ± 1.1°C)
2500 psi
(17.2 MPa)
3400 psi
(23.4 MPa)
Cohesive
75 ± 2°F
(24 ± 1.1°C)
2500 psi
(17.2 MPa)
4000 psi
(27.6 MPa)
Cohesive
180 ± 2°F
(82 ± 1.1°C)
1250 psi
(8.6 MPa)
2350 psi
(16.2 MPa)
Cohesive
250°F
(121°C)
N/A
1400 psi
(9.6 MPa)
Cohesive
300°F
(149°C)
N/A
1100 psi
(7.6 MPa)
Cohesive
B. Aluminum to Aluminum T-Peel Bonds
T-Peel bonds consist of two primed Scotch-Weld EC-1660 (5% solids) 8" x 8" x .020" (203.2 mm x 203.2 mm x
.508 mm) 2024-T3 clad panels together with a 6" x 8" (152.4 mm x 203.2 mm) section of film. This panel is then
cut into 1" x 8" (25.4 mm x 203.2 mm) T-Peel specimens which are peeled at a 90° angle to the bond line with a
jaw separation rate of 20"/minute (508 mm/minute).
Test Temperature
T-Peel
-67°F
(-55°C)
8 lb/inch
(35 N/25 mm)
75°F
(24°C)
35 lb/inch
(156 N/25 mm)
180°F
(82°C)
18 lb/inch
(80 N/25 mm)
Product Performance
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com