Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF30 Datasheet(PDF) 7 Page - 3M Electronics

Part # AF30
Description  3m Scotch-WeldTM Structural Adhesive Film
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF30 Datasheet(HTML) 7 Page - 3M Electronics

Back Button AF30 Datasheet HTML 3Page - 3M Electronics AF30 Datasheet HTML 4Page - 3M Electronics AF30 Datasheet HTML 5Page - 3M Electronics AF30 Datasheet HTML 6Page - 3M Electronics AF30 Datasheet HTML 7Page - 3M Electronics AF30 Datasheet HTML 8Page - 3M Electronics AF30 Datasheet HTML 9Page - 3M Electronics AF30 Datasheet HTML 10Page - 3M Electronics AF30 Datasheet HTML 11Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 30 (5, 10 and 12 mil)
- 7 -
Miscellaneous Test Data – 3M™ Scotch-Weld™ Structural Adhesive Film AF 30 (12 mil)/
3M™ Scotch-Weld™ Structural Adhesive Primer EC-1660
Aluminum to Aluminum T-Peel (In addition to MMM-A-132 requirements)
T-Peel bonds consist of two Scotch-Weld EC-1660 primed 8" x 8" x .020" (203.2 mm x 203.2 mm x .508 mm)
2024-T3 clad panels bonded together with a 6" x 8" (152.4 mm x 203.2 mm) section of film. This panel is then cut
into 1" x 8" (25.4 mm x 203.2 mm) T-Peel specimens which are peeled at a 90° angle to the bond line with a jaw
separation rate of 20"/minute (508 mm/minute).
Platen Press Cure: 350°F, 60 minutes, 50 psi, 10°F/minute (177°C, 60 minutes, 344.5 KPa, 5.6°C/minute
Temperature Rise Rate
Test Temperature
T-Peel
-67°F ± 2°F
(-55°C ± 1.1°C)
9 lb/inch
(40 N/25 mm)
75°F ± 2°F
(24°C ± 1.1°C)
45 lb/inch
(200 N/25 mm)
180°F ± 2°F
(82°C ± 1.1°C)
18 lb/inch
(89 N/25 mm)
250°F ± 2°F
(121°C ± 1.1°C)
11 lb/inch
(49 N/25 mm)
Scotch-Weld AF 30 (12 mil)/Scotch-Weld
Test Temperature
EC-1660 Overlap Shear Strength
250°F
(121°C)
1820 psi
(12.5 MPa)
350°F
(177°C)
1050 psi
(7.2 MPa)
400°F
(204°C)
950 psi
(6.5 MPa)
500°F
(260°C)
500 psi
(3.4 MPa)
Aluminum to Aluminum Overlap Shear (In addition to MMM-A-132 requirements)
The following data shows typical values obtained with Scotch-Weld AF 30 (10 mil) with Scotch-Weld EC-1660 when
tested at temperatures other than those required by MMM-A-132. All properties were measured on 1" (25.4 mm)
wide, 1/2" (12.7 mm) overlap specimens cut from .063" (1.60 mm) thick, 4" x 7" (101.6 mm x 177.8 mm) primed
and bonded panels of 2024-T3 clad aluminum. Tests were conducted per MMM-A-132 Type 1 requirements.
Scotch-Weld AF 30 Modulus of Elasticity @ 75°F (24°C)
19,000 psi (130.9 MPa)
Scotch-Weld AF 30 Tensile Strength @ 75°F (24°C)
3,000 psi (20.7 MPa)
Product Performance
(continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com