Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3240CC1B Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # ZSSC3240CC1B
Description  Sensor Signal Conditioner IC for Resistive Sensors
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3240CC1B Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button ZSSC3240CC1B Datasheet HTML 26Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 27Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 28Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 29Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 30Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 31Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 32Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 33Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
ZSSC3240
Datasheet
Nov.27.20
Page 30
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
ROWI,PULL
Pull-up resistance
–
master [b]
If ROWI,PULL values greater than
3.3k
Ω were applied, the shortest
tOWI,BIT times cannot be achieved
anymore.
1.8
2.5
3.3
k
Ω
ROWI,LOAD
Resistive OWI line load
If ROWI,LOAD>35Ω, OWI-timing
parameter (tOWI,*) low-limits, i.e.
highest speeds are not guaranteed.
0
0.01 x
ROWI,PULL
–
Ω
VOWI,inL
Voltage level LOW
–
0.1
0.25
VDD
VOWI,inH
Voltage level HIGH
0.80
0.9
–
VDD
VOWI-S,LOW
Slave output level LOW
Open drain output at AOUT pin,
max. allowed current draw 5mA,
otherwise: VOWI-S,LOW >0.1*VDD
–
–
0.1
VDD
[a]
To switch from analog output to “OWI listen” at AOUT pin.
[b]
For the selection of ROWI,PULL, the minimum current limit of the AOUT buffer and maximal VDD supply must take into account if
OWI and analog output voltage mode are set up to work concurrently; that is owi_off = 0, cont_ANAoutn = 0, and owi_su_case = 1.
If the current limitation condition (IOUTmax, see Table 4) is exceeded, it is recommended to use the Dynamic Driving Approach for
ROWI,PULL at the OWI-master, and only switch the ROWI,PULL to AOUT when the OWI-master starts communication. This setting is
specifically recommended for the phases when the OWI-master listens to the AOUT-line, and the OWI-slave (the ZSSC3240) has
to respond, respectively.
The effective OWI properties depend on the load conditions at the OWI1 pin. Additional to Table 22, some
further applicable configurations are as follows:
For maximum operation speed (50kHz) of OWI1, the capacitive load, COWI,LOAD can be up to 1nF and the
maximum ROWI,PULL is 2.5k
Ω.
For high operation speed (10kHz) of OWI1, the capacitive load, COWI,LOAD can be up to 4.7nF and ROWI,PULL
must be
≤ 3.3kΩ.
For an equivalent frequency of 1kHz of OWI1, it should be ensured that COWI,LOAD
≤ 22nF and ROWI,PULL ≤ 7kΩ,
or for example that COWI,LOAD
≤ 66nF combined with ROWI,PULL ≤ 4.5kΩ.
Example 2: OWI Request, 1 Command Byte, no Data:
4 3 2 1
W
S 6 5
7 6
S
Slave Address [6:0]
Data Byte
0
5 4 3 2 1 0
4 3 2 1
W
S 6 5
7 6
Slave Address [6:0]
Example 1: OWI Request, 1 Command Byte, 1 Data Word:
Data Byte
0
5 4 3 2 1 0
S
7 6
Data Byte
5 4 3 2 1 0
S
Stop
condition
2
Data bit
(example: Bit 2)
W
Read/write bit
(write = 0)
5
Slave address
(example: Bit 5)
Optional
Sent by
Master
7 6
Data Byte
5 4 3 2 1 0
S
Start condition
Command Byte [7:0]
Command Byte [7:0]
Data Word [15:0]
Figure 16.
OWI Command Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com