Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3240CC1B Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # ZSSC3240CC1B
Description  Sensor Signal Conditioner IC for Resistive Sensors
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3240CC1B Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button ZSSC3240CC1B Datasheet HTML 29Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 30Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 31Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 32Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 33Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 34Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 35Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 36Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
ZSSC3240
Datasheet
Nov.27.20
Page 33
On the other hand, the default application benefit without auto-zero measurements is an approximately 50%
faster output update rate compared to an equivalent configuration with enabled auto-zero measurements.
Recommendations: For applications where a faster update rate is the priority, disable and not apply the auto-
zero measurements. For applications where a better signal-to-noise level and maximum signal quality are the
priority, enable and apply the auto-zero measurements.
The NVM configuration and measurement-request commands can be used to select which measurements are
performed, processed, and provided at the digital interface. See Table 33 for command details.
Examples of options for a single measurement request and output:
SSC-corrected sensor readings (requested by the Measure command AAHEX) generating an output of SSC-
corrected, 24-bit sensor data followed by SSC-corrected, 24-bit temperature data.
Raw sensor measurement with or without auto-zero correction (requested by the Raw Sensor Measure
command A2HEX) generating an output of raw 24-bit sensor data.
Raw temperature measurement with or without auto-zero correction (requested by the Raw Temperature
Measure command, A4HEX) generating an output of raw 24-bit temperature data.
The auto-zero measurements can be disabled/enabled via the AZMs_on and AZMt_on bits in NVM registers
04HEX (see Table 34).
Table 26 and Table 27 provide some exemplary, typical conversion times and noise performance values for the
ZSSC3240’s Front-End (PGA and ADC) in order provide some guidance for understanding effects and signal-
quality-related consequences while defining an application setup.
Table 26.
Typical Conversion Times for Complete SSC Sensor Measurements: SM, TM
ADC Resolution (Main) Sensor
ADC Resolution Temperature Sensor
Typical Measurement Duration [ms] [a]
12
12 (external temperature sensor)
0.38
14
13 (internal temperature sensor)
0.47
14
14 (external temperature sensor)
0.53
16
14 (external temperature sensor)
0.67
16
16 (external temperature sensor)
0.82
18
18 (external temperature sensor)
1.40
24
24 (external temperature sensor)
9.47
[a]
The time from the end of the SSC-measurement command request AAHEX to signalization for the end-of-conversion at the EOC pin
with the ZSSC3240 in Command Mode; INT_setup bit field = 00BIN in register 02HEX (see Table 34); 25°C; VDD=5V; AZMs_on = 0BIN;
and AZMt_on = 0BIN.
The data is shown with ZSSC3240 default NVM configuration.
Table 27.
Typical Conversion Times and Noise Performance for Complete SSC Measurements
ADC Resolution:
External Sensor [Bits]
Reference Source for External
Sensor (sel_ref1)
Typical 3-sigma Noise for SSC-
Corrected (Digital) Output [b], S, T
Typical Measurement[a]
Duration [c] [ms]
12
Absolute, sel_ref1=0
5 LSB12Bit
0.8
12
Ratiometric, sel_ref1=1
7 LSB12Bit
16
Absolute, sel_ref1=0
26 LSB16Bit
1.2
16
Ratiometric, sel_ref1=1
51 LSB16Bit
20
Absolute, sel_ref1=0
182 LSB20Bit
2.9
20
Ratiometric, sel_ref1=1
270 LSB20Bit
24
Absolute, sel_ref1=0
1122 LSB24Bit
9.8
24
Ratiometric, sel_ref1=1
1354 LSB24Bit
[a]
Measurements including AZS, SM, AZT, TM with internal temperature measurement.
[b]
Reference noise values normalized to the respective external sensor’s ADC resolution, obtained with the following setup:
10kΩ sensor bridge, 25°C, Gain=28, VDD=3.3V, ioffsc=00000 for sel_ref1=1, ioffsc=01111 for sel_ref1=0, adc_en_shift=0,
pga_en_shift=0, sensor_sup=00, cp_off=0.
[c]
The time from the end of the SSC-measurement command request AAHEX to signalization for the end-of-conversion at the EOC pin
with the ZSSC3240 in Command Mode; INT_setup bit field = 00BIN in register 02HEX (see Table 34).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com