Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3240CC1B Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ZSSC3240CC1B
Description  Sensor Signal Conditioner IC for Resistive Sensors
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3240CC1B Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ZSSC3240CC1B Datasheet HTML 10Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 11Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 12Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 13Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 14Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 15Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 16Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 17Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
ZSSC3240
Datasheet
Nov.27.20
Page 14
Table 6.
PGA Gain: Stage 2
Gain_stage2[2:0]
Gain2 [V/V]
bit[2]
bit[1]
bit[0]
0
0
0
1.1
0
0
1
1.2
0
1
0
1.3
0
1
1
1.4
1
0
0
1.5
1
0
1
1.6
1
1
0
1.7
1
1
1
1.8
In addition to the amplification of the sensor input signals, the PGA’s first stage can perform an absolute offset
shifting of the differential sensor signal. This shift operation can be programmed in 1mV steps with the
configuration setup ioffsc bit field in the SM_config2 and extTemp_config2 registers. The effective voltage-shift
depends on the selected Gain1, Gain_stage1. The VIOFFSC values (in Table 8) correspond to the higher Gain1
values, i.e. Gain1 > 100. The PGA-operation including shift effect for a differential input signal, VDIFFin can be
described as:
VADC,IN = Gain2
∙ Gain
1
∙ (V
DIFFin + VIOFFSC) − Gain2
∙ V
IOFFSC
Equation 1
Table 7.
Absolute Offset Shift
– Properties
Symbol
Parameter
Minimum
Typical
Maximum
Units
IOFFSC
Relative accuracy of the effectively applied Offset Shift
referenced to the selected setup per ioffsc[4:0], IC-to-IC variation
0.89
0.98
1.07
-
TCneg,IOFFSC
1st order temperature coefficient for the change of the effective
Offset Shift voltage for negative-voltage shift effects, i.e.
ioffsc[4]=0
-0.25
-0.21
0
PPT/K
TCpos,IOFFSC
1st order temperature coefficient for the change of the effective
Offset Shift voltage for positive-voltage shift effects, i.e.
ioffsc[4]=1
0
0.21
0.25
PPT/K
SNRIOFFSC
Fluctuation of output offset signal (VIOFFSC) versus nominal value
at 25°C; 20·log10(VIOFFSC/VIOFFSC)
–
74
–
dB
The shifting can be configured independently for the main sensor and the optional, external temperature sensor.
If the absolute offset shifting is enabled, then the ZSSC3240 current consumption increases by 100µA. The
advantage of absolute offset shifting is an increase of analog dynamic range in the ZSSC3240’s sensor front-
end, which results in higher measurement result quality (less noise/fluctuations).
Table 8.
Absolute Offset Shift
– Differential Sensor Signal’s Offset Compensation
ioffsc[4:0]
Shift Effect, VIOFFSC
bit[4]
bit[3]
bit[2]
bit[1]
bit[0]
0
0
0
0
0
0mV, no shift
0
0
0
0
1
-1mV
0
0
0
1
0
-2mV
0
0
0
1
1
-3mV
0
0
1
0
0
-4mV
0
0
1
0
1
-5mV
0
0
1
1
0
-6mV
0
0
1
1
1
-7mV
0
1
0
0
0
-8mV
0
1
0
0
1
-9mV
0
1
0
1
0
-10mV
0
1
0
1
1
-11mV
0
1
1
0
0
-12mV
0
1
1
0
1
-13mV
0
1
1
1
0
-14mV
0
1
1
1
1
-15mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com