Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3240CC1B Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZSSC3240CC1B
Description  Sensor Signal Conditioner IC for Resistive Sensors
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3240CC1B Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZSSC3240CC1B Datasheet HTML 17Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 18Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 19Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 20Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 21Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 22Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 23Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 24Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
ZSSC3240
Datasheet
Nov.27.20
Page 21
Application
Front-End Configuration, Temperature Sensor Application, and Connection Circuit
Setup and Comments
T4
PGA
VTP
VTN
Internal
Temp.
Sensor
TEXT
Rt´
Rt
extr a_rt
INP
INN
VSSB
VDDB
Sensor
Element
Sensor
Bias
Current
Rsens
Regulated Voltage,
VDDA
Vsup
Temperature sensor with
internal Rt with ratiometric
supply
 Sensor element supplied
through the ZSSC3240-
internal regulated voltage
VDDA, i.e. radiometric
supply
 temp_source = 101
BIN
 internal_rt = User selected
 extra_rt = 0
BIN
Note: Only combine this T4
application with
sensor_sup = 00BIN (i.e.,
main sensing application S1
in Table 13)
T5
PGA
VTP
VTN
Internal
Temp.
Sensor
TEXT
Rt´
Rt
extr a_rt
INP
INN
VSSB
VDDB
Sensor
Element
Rsens
Regulated Voltage,
VDDA
Rt,external
Sensor
Bias
Current
Temperature Sensor with
external Rt with ratiometric
supply
 Sensor element supplied
through the ZSSC3240-
internal regulated voltage
VDDA; i.e., the
radiometric supply
 temp_source = 110
BIN
 internal_rt = any value
close to the external Rt
value
 extra_rt = 0
BIN
Note: Only combine this T5
application with
sensor_sup = 00BIN only (i.e.,
main sensing application S1
in Table 13)
When using scenario T1, “Bridge as the temperature sensor with the internal Rt in Current Mode” in Table 15,
the setup for bias current (Isup) and internal Rt must fulfill the requirements given in Equation 4 and Equation 5:
(0.5
R
sens + Rt)
I
sup = 0.85V ±125mV
Equation 4
Where Rsens is the nominal resistance of the sensor element; i.e. the typical, effective resistance
generating the differential sensor signal as input to the INP and INN pads.
Important: Take into consideration the maximum specifications for the PGA common mode input
level, VCmin (see Table 4).
(MAX[Rsens ] – MIN[Rsens])
I
sup
< 700mV
Equation 5
Important: Take into consideration the maximum specifications for the input signal, MAX[VDIFFin]
(see Table 4).
The best method for deriving the respective values for Rt and Isup is to choose an Rt value close to but greater
than Rsens and to calculate Isup accordingly.
When using scenario T4, “Temperature sensor with internal Rt with ratiometric supply,” in Table 15 the setup for
bias current (Isup) and internal Rt must fulfill Equation 6:
Important: Take into consideration the maximum specifications for the PGA common mode input
level, VCmin, which is automatically ensured if Rt and the extra Rt
’ are selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com