Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3240CC1B Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZSSC3240CC1B
Description  Sensor Signal Conditioner IC for Resistive Sensors
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3240CC1B Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZSSC3240CC1B Datasheet HTML 9Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 10Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 11Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 12Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 13Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 14Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 15Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 16Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
ZSSC3240
Datasheet
Nov.27.20
Page 13
VTP
VTN
INP
INN
VSSB
A
D
Internal
Temp.
Sensor
Sensor Supply: Voltage / Ratiometric
Sensor Supply:
Current Mode
TEXT
Sensor
Bias
Current
VDDB
PGA
Gain_stage1
gain_polarity
ioffsc Gain_stage2
VDDAint
1.75V
adc_en_shift
adc_offset
adc_bits
Tbiasout
sensor_sup
Figure 4.
Analog Sensor Front-End Topology
6.2.1.
Programmable-Gain Amplifier (PGA)
The amplifier has a fully differential architecture and consists of two stages. The amplification of each stage and
the external sensor gain polarity are programmable via settings in the measurement configuration register:
For the main sensor element: SM_config1 and SM_config2 (NVM addresses 14HEX and 15HEX; see Table 34)
For an optional external temperature sensor: extTemp_config1 and extTemp_config2 (NVM addresses 16HEX
and 17HEX; see Table 34).
The first 7 bits of the *_config1 registers are the programmable gain settings Gain_stage1 and Gain_stage2. The
options for the programmable gain settings are listed in Table 5 and Table 6. The resulting analog gain is the
linear product of the stage 1 and stage 2 selection: GainPGA = Gain1
Gain
2
. With the programmable
Gain_polarity bit in the *_config1 registers, the sign of the effective PGA gain can be swapped; e.g., to invert the
sensor characteristic’s slope and invert signal processing of the differential signal between INP and INN.
Table 5.
PGA Gain: Stage 1
Gain_stage1[3:0]
Gain1 [V/V]
bit[3]
bit[2]
bit[1]
bit[0]
0
0
0
0
1.2
0
0
0
1
2
0
0
1
0
4
0
0
1
1
6
0
1
0
0
12
0
1
0
1
20
0
1
1
0
30
0
1
1
1
40
1
0
0
0
60
1
0
0
1
80
1
0
1
0
120
1
0
1
1
150
1
1
0
0
200
1
1
0
1
240
1
1
1
0
300
1
1
1
1
Not assigned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com