Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3240CC1B Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # ZSSC3240CC1B
Description  Sensor Signal Conditioner IC for Resistive Sensors
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3240CC1B Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button ZSSC3240CC1B Datasheet HTML 28Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 29Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 30Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 31Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 32Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 33Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 34Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 35Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
ZSSC3240
Datasheet
Nov.27.20
Page 32
6.5
Measurement and Output Options
Sensor or diagnostic measurement results of the ZSSC3240 can be provided in both domains, digital and
analog. Any of the supported digital interfaces and output options can be used as the only active interaction
path, or it can be combined with any of the analog output configurations. For digital communication, only one
interface type can be active and supported (see section 6.4).
Digital communication via SPI and I2C are fully independent of the configuration and application of the
ZSSC3240’s analog outputs. For digital OWI communication combined with analog output, special application
circuits and constraints might have to be considered, as the OWI interface and the analog outputs use the same
pin, AOUT.
6.5.1.
Single Measurements, Digital Raw Results, and SSC Results
The IC generates digital raw values, which are processed by the ZSSC3240-internal math core generating the
SSC-corrected (linearized, temperature-compensated) output signal. See section 6.6.3 for details about the SSC
math, etc. In addition to the SSC-corrected digital measurement results, the ZSSC3240 can provide raw values
without SSC correction for evaluation and/or calibration purposes. The respective results are provided at the
digital interface as a 24-bit wide data word. Raw values and SSC results are MSB-aligned. Raw values are
form
atted as two’s-complement, whereas SSC results are formatted as unsigned absolute value.
Table 24.
Data Format of Raw ADC Readings
Bit-Number
23
22
21
20
…
2
1
0
Meaning,
Weighting
-20
2-1
2-2
2-3
…
2-21
2-22
2-23
Table 25.
Data Format of Corrected, SSC Results (S and T)
Bit-Number
23
22
21
20
…
2
1
0
Meaning,
Weighting
20
2-1
2-2
2-3
…
2-21
2-22
2-23
The ZSSC3240 can process and digitize the following signals:
SM: Direct sensor signal inputs; i.e., perform sensor measurements
AZS: Auto-zero signals for the sensor channel
TM: Direct temperature signal inputs, i.e. perform temperature measurements
AZT: Auto-zero signals for the temperature channel
The internal sequence (in time) of A2D-conversions with both auto-zero measurements enabled is: first is AZS,
second is SM, third is AZT, and forth is TM. The utilization of auto-zero measurements allows further
optimization and reduction of the noise level for the sensor signal in combination with the inherent compensation
of the residual offsets of the analog sensor front-end. If an auto-zero measurement is enabled, then the sensor
signal remains the input for the auto-zero measurement with the gain and ADC set up as for the original signal
measurement, but with swapped inputs and offset configurations of the PGA and ADC such that the following
holds for the resulting raw value:
Sensor raw value with auto-zero: S_raw = 0.5
(SM – AZS)
Temperature raw value with auto-zero: T_raw = 0.5
(TM – AZT)
The application benefits with enabled auto-zero measurements are
ZSSC3240 front-end offset cancellation
– residual signal degradation1 or drift for the application is eliminated
Improvement of the signal-to-noise ratio for the raw or SSC-corrected output signal
1 Worst-case IC-offset drift is < 2ppm/day at 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com