Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1421 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F1421
Description  RF Amplifier 1.7GHz to 2.2GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1421 Datasheet(HTML) 4 Page - Renesas Technology Corp

  F1421 Datasheet HTML 1Page - Renesas Technology Corp F1421 Datasheet HTML 2Page - Renesas Technology Corp F1421 Datasheet HTML 3Page - Renesas Technology Corp F1421 Datasheet HTML 4Page - Renesas Technology Corp F1421 Datasheet HTML 5Page - Renesas Technology Corp F1421 Datasheet HTML 6Page - Renesas Technology Corp F1421 Datasheet HTML 7Page - Renesas Technology Corp F1421 Datasheet HTML 8Page - Renesas Technology Corp F1421 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
© 2018 Integrated Device Technology, Inc.
4
Rev O May 11, 2018
F1421 Datasheet
Recommended Operating Conditions
Table 3.
Recommended Operating Conditions
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Supply Voltage
VCC
4.75
5.25
V
Operating Temperature Range
TEP
Exposed Paddle
-40
+105
°C
RF Frequency Range
fRF
Operating Range
1.7
2.2
GHz
Maximum Operating Input
RF Power [a]
PIN_MAX
+10
dBm
RF Source Impedance
ZRFI
Single Ended
50
Ω
RF Load Impedance
ZRFO
Single Ended
50
Ω
[a] Input / output load impedance < 2:1 VSWR any phase based in a 50Ω system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com