Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1421 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1421
Description  RF Amplifier 1.7GHz to 2.2GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1421 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1421 Datasheet HTML 1Page - Renesas Technology Corp F1421 Datasheet HTML 2Page - Renesas Technology Corp F1421 Datasheet HTML 3Page - Renesas Technology Corp F1421 Datasheet HTML 4Page - Renesas Technology Corp F1421 Datasheet HTML 5Page - Renesas Technology Corp F1421 Datasheet HTML 6Page - Renesas Technology Corp F1421 Datasheet HTML 7Page - Renesas Technology Corp F1421 Datasheet HTML 8Page - Renesas Technology Corp F1421 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
RF Amplifier
1.7GHz to 2.2GHz
F1421
Datasheet
© 2018 Integrated Device Technology, Inc.
1
Rev O May 11, 2018
Description
The F1421 is a high gain / high linearity RF amplifier used in high-
performance RF applications. The F1421 provides 20.3dB gain
with a +40dBm OIP3 and 5.5dB noise figure at 1.9GHz. This device
uses a single 5V supply and 138mA of ICC.
In typical base stations, RF amplifiers are used in the RX and TX
traffic paths to boost signal levels. The F1421 amplifier offers very
high reliability due to its construction using silicon die in a QFN
package.
Typical Applications
Multi-mode, multi-carrier transmitters
PCS1900 base stations
DCS1800 base stations
WiMAX and LTE base stations
UMTS/WCDMA 3G base stations
PHS/PAS base stations
Public safety infrastructure
Features
Broadband 1.7GHz to 2.2GHz
20.3dB typical gain at 1.9GHz
5.5dB noise figure at 1.9GHz
+40dBm OIP3 at 1.9GHz
+23dBm output P1dB at 1.9GHz
Single 5V supply voltage
ICC = 138mA
-40°C to +105°C operating temperature
50Ω single-ended input / output impedances
Standby mode for power savings
4mm x 4mm, 24-pin QFN package
Block Diagram
Figure 1. Block Diagram
Zero-DistortionTM
RFIN
RFOUT
STBY
VCC


Similar Part No. - F1421

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1421 IDT-F1421 Datasheet
2Mb / 16P
RF Amplifier
F1421EVBI IDT-F1421EVBI Datasheet
2Mb / 16P
RF Amplifier
F1421NLGK IDT-F1421NLGK Datasheet
2Mb / 16P
RF Amplifier
F1421NLGK8 IDT-F1421NLGK8 Datasheet
2Mb / 16P
RF Amplifier
More results

Similar Description - F1421

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3421 INTERSIL-HFA3421 Datasheet
30Kb / 3P
1.7GHz - 2.3GHz Low Noise Amplifier
September 1997
logo
Nel Frequency Controls,...
SU-A29B0 NEL-SU-A29B0 Datasheet
124Kb / 2P
Frequency Range: 300.0MHz to 1.7GHz
logo
SIRENZA MICRODEVICES
SPB-2026Z SIRENZA-SPB-2026Z Datasheet
317Kb / 12P
1.7-2.2GHz 2W InGaP Amplifier
logo
RF Micro Devices
SPA-1426Z RFMD-SPA-1426Z Datasheet
517Kb / 14P
0.7GHz to 2.2GHz 1W InGaP HBT AMPLIFIER
SPA-1526Z RFMD-SPA-1526Z Datasheet
374Kb / 14P
0.7GHz to 2.2GHz 2W InGaP HBT AMPLIFIER
logo
Linear Technology
LTC5590 LINER-LTC5590_15 Datasheet
376Kb / 20P
Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
logo
ON Semiconductor
2SC5536A ONSEMI-2SC5536A Datasheet
503Kb / 7P
RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP
August, 2013
logo
WALSIN TECHNOLOGY CORPO...
RFDIP2520100G0T WALSIN-RFDIP2520100G0T Datasheet
612Kb / 8P
829MHz / 2.2GHz Band RF Application
RFDIP2520100G5T WALSIN-RFDIP2520100G5T Datasheet
557Kb / 8P
829MHz / 2.2GHz Band RF Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com