Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1421 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F1421
Description  RF Amplifier 1.7GHz to 2.2GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1421 Datasheet(HTML) 5 Page - Renesas Technology Corp

  F1421 Datasheet HTML 1Page - Renesas Technology Corp F1421 Datasheet HTML 2Page - Renesas Technology Corp F1421 Datasheet HTML 3Page - Renesas Technology Corp F1421 Datasheet HTML 4Page - Renesas Technology Corp F1421 Datasheet HTML 5Page - Renesas Technology Corp F1421 Datasheet HTML 6Page - Renesas Technology Corp F1421 Datasheet HTML 7Page - Renesas Technology Corp F1421 Datasheet HTML 8Page - Renesas Technology Corp F1421 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
© 2018 Integrated Device Technology, Inc.
5
Rev O May 11, 2018
F1421 Datasheet
Electrical Characteristics
See the F1421 Typical Application Circuit. Specifications apply when operated at VCC = +5.0V, fRF = 1.9GHz, TEP = +25°C, ZS = ZL = 50, tone
spacing = 5MHz, POUT = +4dBm/tone, evaluation board (EVKit) traces and connectors are de-embedded, unless otherwise stated.
Table 4.
Electrical Characteristics
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Logic Input High Threshold
VIH
1.1 [a]
VCC
V
Logic Input Low Threshold
VIL
0.8
V
Logic Current
IIL, IIH,
Standby Pin
-10
10
µA
Supply Current
ICC
Standby = LOW or open
138
153
mA
ICC_STBY
Standby = HIGH
0.6
1.2
mA
Gain
G1.7
fRF = 1.7GHz
19.6
dB
G1.9
fRF = 1.9GHz
18.8
20.3
21.8
G2.2
fRF = 2.2GHz
21.0
Input Return Loss
RLIN
15
dB
Output Return Loss
RLOUT
15
dB
Gain Flatness
GFLAT
fRF = 1.7GHz to 2.2GHz
1.3
dB
Gain Ripple
GRIPPLE
In any 20MHz range over RF
Band
0.06
dB
Noise Figure
NF
fRF = 1.7GHz
5.6
dB
fRF = 1.9GHz
5.5
fRF = 2.2GHz
5.6
fRF = 1.9GHz, TEP =+105°C
6.3
Output Third Order Intercept Point
OIP3
POUT = +4dBm/tone
5MHz tone delta
36
40
dBm
Output 1dB Compression
OP1dB
21
23
dBm
Power ON Switching Time
tON
50% STBY control to within
0.2dB of the on state final gain
value
120
ns
Power OFF Switching Time
tOFF
50% STBY control to 30dB
below on state gain value
80
ns
[a] Specifications in the minimum/maximum columns that are shown in bold italics are guaranteed by test. Specifications in
these columns that are not shown in bold italics are guaranteed by design characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com