Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1421 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F1421
Description  RF Amplifier 1.7GHz to 2.2GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1421 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F1421 Datasheet HTML 9Page - Renesas Technology Corp F1421 Datasheet HTML 10Page - Renesas Technology Corp F1421 Datasheet HTML 11Page - Renesas Technology Corp F1421 Datasheet HTML 12Page - Renesas Technology Corp F1421 Datasheet HTML 13Page - Renesas Technology Corp F1421 Datasheet HTML 14Page - Renesas Technology Corp F1421 Datasheet HTML 15Page - Renesas Technology Corp F1421 Datasheet HTML 16Page - Renesas Technology Corp F1421 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
© 2018 Integrated Device Technology, Inc.
13
Rev O May 11, 2018
F1421 Datasheet
Power-On Procedure
Set up the voltage supplies and Evaluation Board as described in the "Power Supply Setup" section with the "Standby Pin” set for logic LOW.
Enable the power supply.
The STBY pin now can now be exercised.
Power-Off Procedure
Set the STBY pin to logic LOW.
Disable the power supply.
Application Information
The F1421 has been optimized for use in high-performance RF applications from 1.7GHz to 2.2GHz.
Standby Mode (STBY)
The F1421 has a standby pin which allows the amplifier to be turned off to decrease overall power requirements. The pin uses simple logic
levels and is compatible with both JEDEC 1.8V and JEDEC 3.3V logic. Table 7 lists the amplifier state for the logic. An internal pull-down resistor
causes the amplifier to default to the on state.
Table 7.
Standby Truth Table
STBY (pin 8)
Condition
LOW or Open
Amplifier On
HIGH
Amplifier Off
RSET and RDSET
The F1421 has been optimized for gain and intermodulation products by adjusting the bias resistors RSET and RDSET. For the optimized
setting, RSET (R1) is 1.87kΩ and RDSET (R2) is 5.11kΩ.
Power Supplies
The power supply pin should be bypassed with external capacitors to minimize noise and fast transients. Supply noise can degrade the noise
figure, and fast transients can trigger ESD clamps and cause them to fail. Supply voltage changes or transients should have a slew rate less
than 1V/20µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com