Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1421 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # F1421
Description  RF Amplifier 1.7GHz to 2.2GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1421 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button F1421 Datasheet HTML 8Page - Renesas Technology Corp F1421 Datasheet HTML 9Page - Renesas Technology Corp F1421 Datasheet HTML 10Page - Renesas Technology Corp F1421 Datasheet HTML 11Page - Renesas Technology Corp F1421 Datasheet HTML 12Page - Renesas Technology Corp F1421 Datasheet HTML 13Page - Renesas Technology Corp F1421 Datasheet HTML 14Page - Renesas Technology Corp F1421 Datasheet HTML 15Page - Renesas Technology Corp F1421 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
© 2018 Integrated Device Technology, Inc.
12
Rev O May 11, 2018
F1421 Datasheet
Evaluation Kit Operation
Power Supply Setup
Set up a power supply in the voltage range of 3.0V to 5.25V with the power supply output disabled. The voltage can be applied via one of the
following connections (see Figure 18):
J3 connector
J4 header connection (GND is the pin farthest away from the J4 label)
Figure 18. Power Supply Connections
Standby (STBY) Pin
The Evaluation Board has the ability to control the F1421 for standby operation. The logic voltage is applied to the J5 header connection as
shown in Figure 19.
To place the amplifier in the active mode (on) use one of these options:
Make no connections on J5
Apply a logic LOW signal to STBY (pin 2 of J5 or the middle pin).
Make a connection between pin 3 (GND) and pin 2 (STBY, the middle pin) of J5.
To place the amplifier in the standby mode (off), use one of these options:
Apply a logic HIGH signal to the STBY (pin 2 of J5 or the middle pin).
Make a connection between pin 1 (VCC) and pin 2 (STBY, the middle pin) of J5.
Figure 19. Standby Pin Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com