Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1421 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F1421
Description  RF Amplifier 1.7GHz to 2.2GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1421 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F1421 Datasheet HTML 4Page - Renesas Technology Corp F1421 Datasheet HTML 5Page - Renesas Technology Corp F1421 Datasheet HTML 6Page - Renesas Technology Corp F1421 Datasheet HTML 7Page - Renesas Technology Corp F1421 Datasheet HTML 8Page - Renesas Technology Corp F1421 Datasheet HTML 9Page - Renesas Technology Corp F1421 Datasheet HTML 10Page - Renesas Technology Corp F1421 Datasheet HTML 11Page - Renesas Technology Corp F1421 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
© 2018 Integrated Device Technology, Inc.
8
Rev O May 11, 2018
F1421 Datasheet
Typical Performance Characteristics
Figure 9.
Output IP3 versus Frequency
Figure 10. Output P1dB versus Frequency
Figure 11. Second Harmonic versus Frequency
Figure 12. Third Harmonic versus Frequency
Figure 13. Noise Figure versus Frequency
Figure 14. Standby Switching Speed
30
32
34
36
38
40
42
44
46
48
50
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
Frequency (GHz)
+4.75 V / -40 C
+4.75 V / +25 C
+4.75 V / +105 C
+5.00 V / -40 C
+5.00 V / +25 C
+5.00 V / +105 C
+5.25 V / -40 C
+5.25 V / +25 C
+5.25 V / +105 C
15
16
17
18
19
20
21
22
23
24
25
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
Frequency (GHz)
+4.75 V / -40 C
+4.75 V / +25 C
+4.75 V / +105 C
+5.00 V / -40 C
+5.00 V / +25 C
+5.00 V / +105 C
+5.25 V / -40 C
+5.25 V / +25 C
+5.25 V / +105 C
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
Frequency (GHz)
+4.75 V / -40 C
+4.75 V / +25 C
+4.75 V / +105 C
+5.00 V / -40 C
+5.00 V / +25 C
+5.00 V / +105 C
+5.25 V / -40 C
+5.25 V / +25 C
+5.25 V / +105 C
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
Frequency (GHz)
+4.75 V / -40 C
+4.75 V / +25 C
+4.75 V / +105 C
+5.00 V / -40 C
+5.00 V / +25 C
+5.00 V / +105 C
+5.25 V / -40 C
+5.25 V / +25 C
+5.25 V / +105 C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Frequency (GHz)
+4.75 V / -45 C
+4.75 V / +20 C
+4.75 V / +100 C
+5.00 V / -45 C
+5.00 V / +20 C
+5.00 V / +100 C
+5.25 V / -45 C
+5.25 V / +20 C
+5.25 V / +100 C
-30
-25
-20
-15
-10
-5
0
5
10
15
20
-20
0
20
40
60
80
100
120
140
160
180
Time (ns)
STBY OFF to ON
STBY ON to OFF
RF Power is calculated by
20 log (Envelope of RF Voltage).
Voltage dynamic range limits power
dynamic range to about 30 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com