Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP47P201 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TMP47P201
Description  CMOS 4-bit Microcontroller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47P201 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TMP47P201 Datasheet HTML 1Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 2Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 3Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 4Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 5Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 6Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 7Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 8Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4/32
TOSHIBA CORPORATION
TMP47C101/201
2. Internal CPU Function
2.1 Program Counter (PC)
The program counter is a 11-bit binary counter which indicates
the address of the program memory storing the next instruc-
tion to be executed.Normally, the PC is incremented by the
number of bytes of the instruction every time it is fetched.
When a branch instruction or a subroutine instruction has been
executed or an interrupt has been accepted, the specified val-
ues listed in Table 2-1 are set to the PC. The PC is initialized to
“0” during reset.
Figure 2-1. Configuration of Program Counter
The PC can directly address a 2048-byte address space.
However, with the short branch, the following points must be
considered:
• Short branch instruction [BSS a]
In [BSS a] instruction execution, when the branch con-
dition is satisfied, the value specified in the instruction
is set to the lower 6 bits of the PC.That is, [BSS a]
becomes the in-page branch instruction. When [BSS
a] is stored at the last address of the page, the upper 5
bits of the PC point the next page, so that branch is
made to the next page.
Table 2-1 Status Change of Program Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com