Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP47P201 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TMP47P201
Description  CMOS 4-bit Microcontroller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47P201 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TMP47P201 Datasheet HTML 1Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 2Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 3Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 4Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 5Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 6Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 7Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 8Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TOSHIBA CORPORATION
5/32
TMP47C101/201
2.2 Program Memory (ROM)
Programs and fixed data are stored in the program memory.
The instruction to be executed next is read from the address
indicated by the contents of the PC.
The fixed data can be read by using the table look-up in-
structions.
• Table look-up instructions
[LDL A, @DC], [LDH A, @DC+]
The table look-up instructions read the lower and
upper 4 bits of the fixed data stored at the address
specified in the data counter (DC) to place them into
the accumulator. [LDL A, @DC] instruction reads the
lower 4 bits of fixed data, and [LDH A, @DC+] instruc-
tion reads the upper 4 bits.
The DC is a 12-bit register, allowing it to address the
entire program memory space.
Example: When [LDL A, @DC] instruction is executed
with the DC value being 7AOH being 58H,
“8” is stored in the accumulator; when [LDH
A, @DC+] instruction is executed, “5” is
stored in the accumulator and the DC value
is incremented to 7A1H.
Figure 2-2. Configuration of Program Memory
2.2.1 Program Memory Capacity
The 47C101 has 1024 x 8 bits (addresses 000H through 3FFH)
of program memory (mask ROM), the 47C201 has 2048 x 8
bits (addresses 000H through 7FFH).
2.2.2 Program Memory Map
Figure 2-3 shows the program memory map. Address 000H -
086H of the program memory are also used for special pur-
poses. On the 47C101, no physical program memory exists in
the address range 400H through 7FFH. However, if this space
is accessed by program, the most significant bit of each
address is always regarded as “0” and the contents of the pro-
gram memory corresponding to the address is always
regarded as “0” and the contents of the program memory cor-
responding to the address 000H through 3FFH are read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com