Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP47P201 Datasheet(PDF) 24 Page - Toshiba Semiconductor

Part # TMP47P201
Description  CMOS 4-bit Microcontroller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47P201 Datasheet(HTML) 24 Page - Toshiba Semiconductor

Back Button TMP47P201 Datasheet HTML 20Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 21Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 22Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 23Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 24Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 25Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 26Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 27Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 28Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
24/32
TOSHIBA CORPORATION
TMP47C101/201
3.3 Timer/Counters (TC1,TC2)
The 47C101/201 contain two 12-bit timer/counters (TC1,
TC2). RAM addresses are assigned to the count register in unit
of 4 bits, permitting the initial value setting and counter reading
through the RAM manipulation instruction. When the timer/
counter is not used, the mode selection may be set to
“stopped” to use the RAM at the address corresponding to the
timer/counter for storing the ordinary user-processed data.
Figure 3-16. Count Registers of the Timer/Counters (TC1, TC2)
3.3.1 Functions of Timer/Counters
The timer/counters provide the following functions:
Œ Event counter
 Programmable timer
Ž Pulse width measurement
3.3.2 Control of Timer/Counters
The timer/counters are controlled by the command registers.
The command register is accessed as port address OP1C for
TC1 and port address OP1D for TC2. These registers are ini-
tialized to “0” during reset.
Figure 3-7. Timer/Counter Control Command Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com