Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP47P201 Datasheet(PDF) 29 Page - Toshiba Semiconductor

Part # TMP47P201
Description  CMOS 4-bit Microcontroller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47P201 Datasheet(HTML) 29 Page - Toshiba Semiconductor

Back Button TMP47P201 Datasheet HTML 24Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 25Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 26Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 27Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 28Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 29Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 30Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 31Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 32Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
TOSHIBA CORPORATION
29/32
TMP47C101/201
DC Characteristics (VSS = 0V, Topr = -30 to 70°C)
Note 1. Typ. values show those at Topr = 25 °C, VDD = 5V.
Note 2. Input Current IIN1; The current through resistor is not included.
Note 3. Supply Current VIN = 5.3 V/0.2V (VDD = 5.5V) or 2.8V/0.2V (VDD = 3.0V)
AC Characteristics (VSS = 0V, Topr = -30 to 70°C)
Parameter
Symbol
Pins
Conditions
Min.
typ.
Max.
Unit
Hysteresis Voltage
VHS
Hysteresis Input
–
0.7
–
V
Input Current
IIN1
RESET, HOLD
VDD = 5.5V, VIN = 5.5V/0V
–
–
±2
µA
IIN2
Open drain output ports
Input Resistance
RIN
RESET
100
220
450
k
Ω
Input Low Current
IIL
Push-pull output ports
VDD = 5.5V, VIN = 0.4V
–
–
-2
mA
Output Leakage Current
ILO
Open drain output ports
VDD = 5.5V, VOUT = 5.5V
–
–
2
µA
Output High Voltage
VOH
Push-pull output ports
VDD = 4.5V, IOH = -200µA
2.4
–
–
V
VDD = 2.2V, IOH = -5µA
2.0
–
–
Output Low Voltage
VOL
Except XOUT and port R4
VDD = 4.5, IOL = 1.6mA
–
–
0.4
V
VDD = 2.2V, IOL = 20µA
–
–
0.1
Output Low Current
IOL1
Port R4
VDD = 4.5V, VOL = 1.0V
–
20
–
mA
Supply Current
(in the Normal operating mode)
IDD
VDD = 5.5V, fc = 4MHz
–
2
4
mA
VDD = 5.5V, fc = 4MHz
–
1
2
VDD = 3.0V, fc = 400kHz
–
0.5
–1
Supply Current
(in the HOLD operating mode)
IDDH
VDD = 5.5V
–
0.5
10
µA
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Instruction Cycle Time
tcy
VDD = 4.5 to 5.5V
1.3
–20
µs
VDD = 2.7 to 5.5V
1.9
VDD = 2.2 to 5.5V
3.2
High Level Clock Pulse Width
tWCH
For external clock
operation
VDD ≥ 2.7V
80
––
ns
VDD < 2.7V
160
Low Level Clock Pulse Width
tWCL
VDD ≥ 2.7V
80
VDD < 2.7V
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com