Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP47P201 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TMP47P201
Description  CMOS 4-bit Microcontroller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47P201 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TMP47P201 Datasheet HTML 1Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 2Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 3Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 4Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 5Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 6Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 7Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 8Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TOSHIBA
TOSHIBA CORPORATION
1/32
TLCS-47E Series
TMP47C101/201
The information contained here is subject to change without notice.
The information contained herein is presented only as guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties
which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. These TOSHIBA products are intended for usage in general electronic
equipments (office equipment, communication equipment, measuring equipment, domestic electrification, etc.) Please make sure that you consult with us before you use these TOSHIBA products in equip-
ments which require high quality and/or reliability, and in equipments which could have major impact to the welfare of human life (atomic energy control, spaceship, traffic signal, combustion control, all types
of safety devices, etc.). TOSHIBA cannot accept liability to any damage which may occur in case these TOSHIBA products were used in the mentioned equipments without prior consultation with TOSHIBA.
CMOS 4-bit Microcontroller
TMP47C101P, TMP47C201P,
TMP47C101M, TMP47C201M
The 47C101/201 are high speed and high performance 4-bit sin-
gle chip microcomputers, integrating ROM, RAM, input/output
ports and timer/counters on a chip. The 47C101/201 are the
standard type devices in the TLCS-47E series.
Part No.
ROM
RAM
Package
OTP
Piggyback + Adapter
TMP47C101P
1024 x 8-bit
64 x 4-bit
DIP16
TMP47P201VP
TMP47C990E
+ BM1160 (for DIP)
TMP47C101M
SOP16
T.B.D.
TMP47C201P
2048 x 8-bit
128 x 4-bit
DIP16
TMP47P201VP
TMP47C201M
SOP16
T.B.D.
Features
• 4-bit single chip microcomputer
• Instruction execution time: 1.3
µs (at 6MHz)
• Low voltage operation: 2.2V (at 2MHz RC)
• 89 basic instructions
- Instruction set is the same as TLCS-47 series
• ROM table look-up instructions
• Subroutine nesting: 15 levels max.
• 5 interrupt sources (External: 2, Internal: 3)
- All sources have independent latches each, and multiple
interrupt control is available
• I/O port (11 pins)
• 12-bit Timer/Counters (TC2)
- Timer, event counter, and pulse width measurement
mode
• 12-bit programmable Timer (TC1)
• Interval Timer
• High current outputs
- LED direct drive capability: typ. 20mA x 4 bits (Port R4)
• Hold function
- Battery/Capacitor back-up
• Real Time Emulator: BM4721A + BM1160 (for DIP)


Similar Part No. - TMP47P201

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP47P201VPG TOSHIBA-TMP47P201VPG Datasheet
589Kb / 15P
TLCS-47 Series
More results

Similar Description - TMP47P201

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP42C40 TOSHIBA-TMP42C40 Datasheet
945Kb / 23P
CMOS 4-BIT MICROCONTROLLER
TMP42C50N TOSHIBA-TMP42C50N Datasheet
259Kb / 13P
CMOS 4-BIT MICROCONTROLLER
TMP47C1237 TOSHIBA-TMP47C1237 Datasheet
275Kb / 10P
CMOS 4-BIT MICROCONTROLLER
TMP47C1238 TOSHIBA-TMP47C1238 Datasheet
941Kb / 30P
CMOS 4-BIT MICROCONTROLLER
TMP47C200AN TOSHIBA-TMP47C200AN Datasheet
107Kb / 4P
CMOS 4-BIT MICROCONTROLLER
TMP47P403VN TOSHIBA-TMP47P403VN Datasheet
365Kb / 10P
CMOS 4 BIT MICROCONTROLLER
TMP47C221ADF TOSHIBA-TMP47C221ADF Datasheet
926Kb / 20P
CMOS 4-BIT MICROCONTROLLER
TMP47P202VP TOSHIBA-TMP47P202VP Datasheet
431Kb / 11P
CMOS 4-BIT MICROCONTROLLER
TMP47C660AN TOSHIBA-TMP47C660AN Datasheet
3Mb / 64P
CMOS 4-BIT MICROCONTROLLER
TMP47C102P TOSHIBA-TMP47C102P Datasheet
2Mb / 36P
CMOS 4-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com