Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP47P201 Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TMP47P201
Description  CMOS 4-bit Microcontroller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47P201 Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TMP47P201 Datasheet HTML 9Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 10Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 11Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 12Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 13Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 14Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 15Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 16Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TOSHIBA CORPORATION
13/32
TMP47C101/201
2.7.2 Timing Generator
The timing generator produces the system clocks from basic
clock pulse (CP) which are supplied to the SPU and the
peripheral hardware.
The timing generator consists of a 18-stage binary
counter with a divided-by-16 prescaler. The basic clock (fre-
quency: fc) provides the timing generator. Therefore, the out-
put frequency at the last stage is fc/222[Hz]. During reset, the
binary counter is cleared to “0”, however, the prescaler is not
cleared.
Figure 2-16. Configuration of Interval Timer
The timing generator provides the following functions:
Œ Generation of an internal source clock for interval timer
 Generation of an internal source clock for timer/
counters
Ž Generation of a warm-up time for releasing of the hold
operating mode
2.7.3 Instruction Cycle
The instruction execution and the on-chip peripheral hardware
operations are performed in synchronization with the basic
clock pulse (CP: fx [Hx]). The smallest unit of instruction execu-
tion is called an instruction cycle. The instruction set of the
TLCS-47 series consists of 1-cycle instructions and 2-cycle
instructions. The former requires 1 cycle for their execution;
the latter, 2 cycles. Each instruction cycle consists of 4 states
(S1 through S4). Each state consists of 2 basic clock pulses.
Figure 2-17. Instruction Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com