Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4021 Datasheet(PDF) 6 Page - Analog Devices

Part # AD4021
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4021 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD4021 Datasheet HTML 2Page - Analog Devices AD4021 Datasheet HTML 3Page - Analog Devices AD4021 Datasheet HTML 4Page - Analog Devices AD4021 Datasheet HTML 5Page - Analog Devices AD4021 Datasheet HTML 6Page - Analog Devices AD4021 Datasheet HTML 7Page - Analog Devices AD4021 Datasheet HTML 8Page - Analog Devices AD4021 Datasheet HTML 9Page - Analog Devices AD4021 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
AD4020/AD4021/AD4022
Data Sheet
Rev. B | Page 6 of 39
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL OUTPUTS
Data Format
Serial, 20 bits, twos complement
Pipeline Delay
Conversion results available immediately
after completed conversion
Output Voltage Low (VOL)
Output current = 500 µA
0.4
V
Output Voltage High (VOH)
Output current = −500 µA
VIO − 0.3
V
POWER SUPPLIES
VDD
1.71
1.8
1.89
V
VIO
1.71
5.5
V
Standby Current
VDD = 1.8 V, VIO = 1.8 V, TA = 25°C
1.6
µA
Power Dissipation
VDD = 1.8 V, VIO = 1.8 V, VREF = 5 V
10 kSPS, high-Z mode disabled
83
µW
500 kSPS, high-Z mode disabled
4.5
5.1
mW
1 MSPS, high-Z mode disabled
8.3
10
mW
1.8 MSPS, high-Z mode disabled
15
19
mW
500 kSPS, high-Z mode enabled
5.7
6.9
mW
1 MSPS, high-Z mode enabled
10.8
13
mW
1.8 MSPS, high-Z mode enabled
19
25
mW
VDD Only
500 kSPS, high-Z mode disabled
2.7
mW
1 MSPS, high-Z mode disabled
5.1
mW
1.8 MSPS, high-Z mode disabled
9.0
mW
REF Only
500 kSPS, high-Z mode disabled
1.6
mW
1 MSPS, high-Z mode disabled
2.9
mW
1.8 MSPS, high-Z mode disabled
5.0
mW
VIO Only
500 kSPS, high-Z mode disabled
0.13
mW
1 MSPS, high-Z mode disabled
0.4
mW
1.8 MSPS, high-Z mode disabled
1.0
mW
Energy per Conversion
8.3
nJ/sample
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+125
°C
1
The acquisition phase is the time available for the input sampling capacitors to acquire a new input with the ADC running at a throughput rate of 1.8 MSPS for the
AD4020, 1 MSPS for the AD4021, and 500 kSPS for the AD4022.
2
A throughput rate of 1.8 MSPS can only be achieved with turbo mode enabled and a minimum serial clock (SCK) rate of 71 MHz. Refer to Table 4 for the maximum
achievable throughput for different modes of operation.
3
Transient response is the time required for the ADC to acquire a full-scale input step to ±2 LSB accuracy.
4
The minimum and maximum values are guaranteed by characterization, but not production tested.
5
See the 1/f noise plot in Figure 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com