Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4021 Datasheet(PDF) 30 Page - Analog Devices

Part # AD4021
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4021 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD4021 Datasheet HTML 26Page - Analog Devices AD4021 Datasheet HTML 27Page - Analog Devices AD4021 Datasheet HTML 28Page - Analog Devices AD4021 Datasheet HTML 29Page - Analog Devices AD4021 Datasheet HTML 30Page - Analog Devices AD4021 Datasheet HTML 31Page - Analog Devices AD4021 Datasheet HTML 32Page - Analog Devices AD4021 Datasheet HTML 33Page - Analog Devices AD4021 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
AD4020/AD4021/AD4022
Data Sheet
Rev. B | Page 30 of 39
CS MODE, 3-WIRE TURBO MODE
This mode is typically used when a single AD4020/AD4021/
AD4022 device is connected to an SPI-compatible digital host.
Turbo mode allows lower SCK frequencies by increasing the
time that the ADC conversion result can be clocked out. The
AD4020 can achieve a throughput rate of 1.8 MSPS only when
turbo mode is enabled and using a minimum SCK rate of 71 MHz
(see the Serial Clock Frequency Requirements section). The
connection diagram is shown in Figure 53, and the corresponding
timing diagram is shown in Figure 54.
To enable turbo mode, set the turbo mode enable bit in the
configuration register to 1 (see Table 12). This mode replaces
the 3-wire with busy indicator mode when turbo mode is enabled.
Writing to the user configuration register requires SDI to be
connected to the digital host (see the Register Read/Write
Functionality section). When turbo mode is enabled, the
conversion result read on SDO corresponds to the result of the
previous conversion.
When performing conversions in this mode, SDI must be held
high, a CNV rising edge initiates a conversion and forces SDO
to high impedance. The user must wait tQUIET1 time after the
CNV rising edge before bringing CNV low to clock out the
previous conversion result. When the conversion is complete
(after tCONV), the AD4020/AD4021/AD4022 enter the
acquisition phase and power down.
When CNV goes low, the MSB is output to SDO. The remaining
data bits are clocked by subsequent SCK falling edges. The data
is valid on both SCK edges. Although the rising edge can capture
the data, a digital host using the SCK falling edge allows a faster
reading rate, provided it has an acceptable hold time, as dictated by
tHSDO (see Table 2). If the status bits are not enabled, SDO returns to
high impedance after the 16th SCK falling edge. If the status bits
are enabled, they are shifted out on SDO on the 17th through the
22nd SCK falling edges (see the Status Bits section). SDO returns
to high impedance after the final SCK falling edge, or when
CNV goes high (whichever occurs first). The user must also
provide a delay of tQUIET2 between the final SCK falling edge and
the next CNV rising edge to ensure specified performance.
AD4020/
AD4021/
AD4022
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
DATA OUT
Figure 53. CS Mode, 3-Wire Turbo Mode Connection Diagram
SDO
D19
D18
D17
D1
D0
tDIS
SCK
12
3
18
19
20
tSCK
tSCKL
tSCKH
HSDO
tDSDO
CNV
ACQUISITION
tCYC
ACQUISITION
CONVERSION
SDI = 1
tACQ
tEN
tQUIET1
tQUIET2
tCONV
Figure 54. CS Mode, 3-Wire Turbo Mode Serial Interface Timing Diagram (Status Bits Not Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com