Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4021 Datasheet(PDF) 23 Page - Analog Devices

Part # AD4021
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4021 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD4021 Datasheet HTML 19Page - Analog Devices AD4021 Datasheet HTML 20Page - Analog Devices AD4021 Datasheet HTML 21Page - Analog Devices AD4021 Datasheet HTML 22Page - Analog Devices AD4021 Datasheet HTML 23Page - Analog Devices AD4021 Datasheet HTML 24Page - Analog Devices AD4021 Datasheet HTML 25Page - Analog Devices AD4021 Datasheet HTML 26Page - Analog Devices AD4021 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
Data Sheet
AD4020/AD4021/AD4022
Rev. B | Page 23 of 39
REF
VDD
VIO
GND
IN+
IN–
SDI
SCK
SDO
CNV
AD4020/
AD4021/
AD4022
1.8V TO 5V
+IN
–IN
R4
1kΩ
DIFFERENTIAL
AMPLIFIER
R1
1kΩ
V–
AMP
VREF
VREF/2
0
1.8V
10µF
R3
1k
Ω
V+
–OUT
+OUT
R2
1kΩ
R
R
0.1µF
VREF/2
HOST
SUPPLY
C
C
REF
V+ = +5V
LDO
10kΩ
10kΩ
VOCM
4.096V
0.1µF
0.1µF
3-WIRE/4-WIRE
INTERFACE
DIGITAL HOST
(MICROPROCESSOR/
FPGA)
VREF/2
Figure 44. Typical Application Diagram for Single-Ended to Differential Conversion with a Fully Differential Amplifier
Single to Differential Driver
The AD4020/AD4021/AD4022 requires a differential input
signal for proper operation. For applications using a single-
ended analog signal, either bipolar or unipolar, a fully differential
amplifier, such as the ADA4940-1 or ADA4945-1, can be used
to convert the single-ended signal to a differential signal, as
shown in Figure 44.
High Frequency Input Signals
The AD4020/AD4021/AD4022 ac performance over a wide
input frequency range is shown in Figure 17 and Figure 20.
Unlike other traditional SAR ADCs, the AD4020/AD4021/
AD4022 maintain exceptional ac performance for input
frequencies up to the Nyquist frequency with minimal
performance degradation. Note that the input frequency is
limited to the Nyquist frequency of the sample rate in use.
Multiplexed Applications
The AD4020/AD4021/AD4022 significantly reduce system
complexity for multiplexed applications that require superior
performance in terms of noise, power, and throughput. Figure 45
shows a simplified block diagram of a multiplexed data
acquisition system including a multiplexer, an ADC driver, and the
precision SAR ADC.
SAR ADC
ADC
DRIVER
MULTIPLEXER
R
R
R
C
C
C
C
Figure 45. Multiplexed Data Acquisition Signal Chain Using the
AD4020/AD4021/AD4022
Switching multiplexer channels typically results in large voltage
steps at the ADC inputs. To ensure an accurate conversion result,
the step must be given adequate time to settle before the ADC
samples the inputs (on the rising edge of CNV). The settling
time error is dependent on the drive circuitry (multiplexer and
ADC driver), RC filter values, and the time when the multiplexer
channels are switched. Switch the multiplexer channels
immediately after tQUIET1 has elapsed from the start of the
conversion to maximize settling time and to prevent corruption
of the conversion result. To avoid conversion corruption, do not
switch the channels during the tQUIET1 time. If the analog inputs
are multiplexed during the quiet conversion time (tQUIET1), the
current conversion is possibly corrupted.
EASE OF DRIVE FEATURES
Input Span Compression
In single-supply applications, it is recommended to use the full
range of the ADC. However, the amplifier can have some
headroom and footroom requirements, which can be a problem,
even if it is a rail-to-rail input and output amplifier. The AD4020/
AD4021/AD4022 include a span compression feature that
increases the headroom and footroom available to the amplifier
by reducing the input range by 10% from the top and bottom of the
range while still accessing all available ADC codes (see
Figure 46). The SNR decreases by approximately 1.9 dB (20 ×
log(8/10)) for the reduced input range when span compression is
enabled. Span compression is disabled by default but is enabled by
writing to the relevant register bit (see the Digital Interface
section).
ADC
VREF = 4.096V
DIGITAL OUTPUT
ALL 2N
CODES
+FSR
–FSR
90% OF VREF = 3.69V
10% OF VREF = 0.41V
ANALOG
INPUT
5V
IN+
Figure 46. Span Compression



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com