Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4021 Datasheet(PDF) 12 Page - Analog Devices

Part # AD4021
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4021 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD4021 Datasheet HTML 8Page - Analog Devices AD4021 Datasheet HTML 9Page - Analog Devices AD4021 Datasheet HTML 10Page - Analog Devices AD4021 Datasheet HTML 11Page - Analog Devices AD4021 Datasheet HTML 12Page - Analog Devices AD4021 Datasheet HTML 13Page - Analog Devices AD4021 Datasheet HTML 14Page - Analog Devices AD4021 Datasheet HTML 15Page - Analog Devices AD4021 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
AD4020/AD4021/AD4022
Data Sheet
Rev. B | Page 12 of 39
0
50000
100000
150000
200000
250000
524210
524220
524230
524240
524250
524260
524270
ADC CODE
2.5V CODE CENTER
5V CODE CENTER
Figure 11. Histogram of a DC Input at Code Center, VREF = 2.5 V and VREF = 5 V
0
–60
–160
–120
–20
–100
–80
–140
–40
–180
100
100k
10k
1k
900k
FREQUENCY (Hz)
VREF = 5V
SNR = 100.33dB
THD = –123.99dB
SINAD = 100.31dB
Figure 12. 1 kHz, −0.5 dBFS Input Tone Fast Fourier Transform (FFT),
VREF = 5 V
0
–60
–160
–120
–20
–100
–80
–140
–40
–180
1k
100k
10k
900k
FREQUENCY (Hz)
VREF = 5V
SNR = 98.37dB
THD = –98.52dB
SINAD = 95.58dB
Figure 13. 100 kHz, −0.5 dBFS Input Tone FFT
0
50000
100000
150000
200000
250000
524205
524215
524225
524235
524245
524255
524265
ADC CODE
2.5V CODE TRANSITION
5V CODE TRANSITION
Figure 14. Histogram of a DC Input at Code Transition, VREF = 2.5 V and VREF = 5 V
0
–60
–160
–120
–20
–100
–80
–140
–40
–180
100
100k
10k
1k
900k
FREQUENCY (Hz)
VREF = 2.5V
SNR = 95.01dB
THD = –118.60dB
SINAD = 94.99dB
Figure 15. 1 kHz, −0.5 dBFS Input Tone FFT, VREF = 2.5 V
0
–60
–160
–120
–20
–100
–80
–140
–40
–180
1k
100k
10k
900k
FREQUENCY (Hz)
VREF = 5V
SNR = 91.22dB
THD = –91.97dB
SINAD = 89.15dB
Figure 16. 400 kHz, −0.5 dBFS Input Tone FFT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com