Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4021 Datasheet(PDF) 21 Page - Analog Devices

Part # AD4021
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4021 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD4021 Datasheet HTML 17Page - Analog Devices AD4021 Datasheet HTML 18Page - Analog Devices AD4021 Datasheet HTML 19Page - Analog Devices AD4021 Datasheet HTML 20Page - Analog Devices AD4021 Datasheet HTML 21Page - Analog Devices AD4021 Datasheet HTML 22Page - Analog Devices AD4021 Datasheet HTML 23Page - Analog Devices AD4021 Datasheet HTML 24Page - Analog Devices AD4021 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Data Sheet
AD4020/AD4021/AD4022
Rev. B | Page 21 of 39
10µF
REF
VDD
VIO
GND
IN+
IN–
SDI
SCK
SDO
CNV
AD4020/
AD4021/
AD4022
3-WIRE/4-WIRE
INTERFACE
1.8V
1.8V TO 5V
DIGITAL HOST
(MICROPROCESSOR/
FPGA)
4.096V
0.1µF
VOCM
R3
1kΩ
+IN
V+
–IN
–OUT
+OUT
R4
1kΩ
10kΩ
10kΩ
R2
1kΩ
R
R
DIFFERENTIAL
AMPLIFIER
R1
1kΩ
0.1µF
VREF/2
HOST
SUPPLY
V–
C
C
REF
V+ = +5V
LDO
AMP
VREF
0
VREF/2
VREF
0
VREF/2
0.1µF
VREF/2
Figure 42. Typical Application Diagram with a Fully Differential Amplifier
ANALOG INPUTS
Figure 43 shows an equivalent circuit of the analog input
structure, including the overvoltage clamp of the
AD4020/AD4021/AD4022.
CEXT
REXT
VIN
REF
D1
IN+/IN–
GND
CLAMP
0V TO 15V
RIN
CIN
D2
CPIN
Figure 43. Equivalent Analog Input Circuit
Input Overvoltage Clamp Circuit
Most ADC analog inputs, IN+ and IN−, have no overvoltage
protection circuitry apart from ESD protection diodes. During
an overvoltage event, an ESD protection diode from an analog
input pin (IN+ or IN−) to REF forward biases and shorts the
input pin to REF, potentially overloading the reference or
damaging the device. The AD4020/AD4021/AD4022 internal
overvoltage clamp circuit with a larger external resistor (REXT =
200 Ω) eliminates the need for external protection diodes and
protects the ADC inputs against dc overvoltages.
In applications where the amplifier rails are greater than VREF
and less than ground, it is possible for the output to exceed the
input voltage range (specified in Table 1) of the device. In this
case, the AD4020/AD4021/AD4022 internal voltage clamp
circuit ensures that the voltage on the input pin does not exceed
VREF + 0.4 V and prevents damage to the device by clamping the
input voltage in a safe operating range and avoiding disturbance of
the reference, which is particularly important for systems that
share the reference among multiple ADCs.
If the analog input exceeds the reference voltage by 0.4 V, the
internal clamp circuit turns on and the current flows through
the clamp into ground, preventing the input from rising further
and potentially causing damage to the device. The clamp turns
on before D1 (see Figure 43) and can sink up to 50 mA of current.
When the clamp is active, it sets the overvoltage (OV) clamp
flag bit in the configuration register that is accessed with a
16-bit SPI read command or via the OV in the status bits. The
OV clamp flag gives an indication of overvoltage condition
when it is set to 0. The OV clamp flag is a read only sticky bit,
and is cleared only if the register is read while the overvoltage
condition is no longer present.
The clamp circuit does not dissipate static power in the off state.
Note that the clamp cannot sustain the overvoltage condition
for an indefinite amount of time.
The external RC filter, formed by Resistor REXT and Capacitor CEXT
(see Figure 43), is usually present at the ADC input to band limit
the input signal. During an overvoltage event, excessive voltage
is dropped across REXT, and REXT becomes part of a protection
circuit. The REXT value can vary from 200 Ω to 20 kΩ for 15 V
protection. The CEXT value can be as low as 100 pF for correct
operation of the clamp. See Table 1 for input overvoltage clamp
specifications.
Differential Input Considerations
The analog input structure allows the sampling of the true
differential signal between IN+ and IN−. By using these differential
inputs, signals common to both inputs are rejected. Figure 32
shows the common-mode rejection capability of the AD4020/
AD4021/AD4022 over frequency. It is important to note that the
differential input signals must be truly antiphase in nature, 180° out
of phase, which is required to keep the common-mode voltage of
the input signal within the specified range around VREF/2, as
shown in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com