Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4021 Datasheet(PDF) 7 Page - Analog Devices

Part # AD4021
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4021 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD4021 Datasheet HTML 3Page - Analog Devices AD4021 Datasheet HTML 4Page - Analog Devices AD4021 Datasheet HTML 5Page - Analog Devices AD4021 Datasheet HTML 6Page - Analog Devices AD4021 Datasheet HTML 7Page - Analog Devices AD4021 Datasheet HTML 8Page - Analog Devices AD4021 Datasheet HTML 9Page - Analog Devices AD4021 Datasheet HTML 10Page - Analog Devices AD4021 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Data Sheet
AD4020/AD4021/AD4022
Rev. B | Page 7 of 39
TIMING SPECIFICATIONS
VDD = 1.71 V to 1.89 V, VIO = 1.71 V to 5.5 V, VREF = 5 V, all specifications TMIN to TMAX, high-Z mode disabled, span compression
disabled, turbo mode enabled, and fS = 1.8 MSPS for the AD4020, fS = 1 MSPS for the AD4021, and fS = 500 kSPS for the AD4022, unless
otherwise noted. See Figure 49 to Figure 52, Figure 54, Figure 56, Figure 58, Figure 60, Figure 62, Figure 64, and Figure 66 for timing
diagrams.
Table 2. Digital Interface Timing
Parameter1
Symbol
Min
Typ
Max
Unit
CONVERSION TIME—CNV RISING EDGE TO DATA AVAILABLE
tCONV
300
320
350
ns
ACQUISITION PHASE2
tACQ
AD4020
325
ns
AD4021
770
ns
AD4022
1770
ns
TIME BETWEEN CONVERSIONS
tCYC
AD4020
555
ns
AD4021
1000
ns
AD4022
2000
ns
CNV PULSE WIDTH (CS MODE)3
tCNVH
10
ns
SCK PERIOD
tSCK
CS Mode4
VIO > 2.7 V
9.8
ns
VIO > 1.7 V
12.3
ns
Daisy-Chain Mode5
VIO > 2.7 V
20
ns
VIO > 1.7 V
25
ns
SCK
Low Time
tSCKL
3
ns
High Time
tSCKH
3
ns
Falling Edge to Data Remains Valid Delay
tHSDO
1.5
ns
Falling Edge to Data Valid Delay
tDSDO
VIO > 2.7 V
7.5
ns
VIO > 1.7 V
10.5
ns
CNV OR SDI LOW TO SDO D17 MSB VALID DELAY (CS MODE)
tEN
VIO > 2.7 V
10
ns
VIO > 1.7 V
13
ns
CNV RISING EDGE TO FIRST SCK RISING EDGE DELAY
tQUIET1
200
ns
LAST SCK FALLING EDGE TO CNV RISING EDGE DELAY6
tQUIET2
60
ns
CNV OR SDI HIGH OR LAST SCK FALLING EDGE TO SDO HIGH IMPEDANCE (CS MODE)
tDIS
20
ns
SDI
Valid Setup Time from CNV Rising Edge
tSSDICNV
2
ns
Valid Hold Time from CNV Rising Edge (CS Mode)
tHSDICNV
2
ns
Valid Setup Time from SCK Rising Edge (Daisy-Chain Mode)
tSSDISCK
2
ns
Valid Hold Time from SCK Rising Edge (Daisy-Chain Mode)
tHSDISCK
2
ns
SCK VALID HOLD TIME FROM CNV RISING EDGE (DAISY-CHAIN MODE)
tHSCKCNV
12
ns
1
Timing parameters measured with respect to a falling edge are defined as triggered at X% VIO. Timing parameters measured with respect to a rising edge are defined
as triggered at Y% VIO. For VIO ≤ 2.7 V, X = 80, and Y = 20. For VIO > 2.7 V, X = 70, and Y = 30. The minimum VIH and maximum VIL are used. See Digital Inputs
Specifications in Table 1.
2
The acquisition phase is the time available for the input sampling capacitors to acquire a new input with the ADC running at a throughput rate of 1.8 MSPS for the
AD4020, 1 MSPS for the AD4021, and 500 kSPS for the AD4022.
3
For turbo mode, tCNVH must match the tQUIET1 minimum.
4
A throughput rate of 1.8 MSPS can only be achieved with turbo mode enabled and a minimum SCK rate of 71 MHz. Refer to Table 4 for the maximum achievable
throughput for different modes of operation. See the Serial Clock Frequency Requirements section for guidelines on determining the minimum SCK rate required for a
given throughput.
5
A 50% duty cycle is assumed for SCK.
6
See Figure 24 for SINAD vs. tQUIET2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com