Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN7430 Datasheet(PDF) 18 Page - Microchip Technology

Part # LAN7430
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430 Datasheet(HTML) 18 Page - Microchip Technology

Back Button LAN7430 Datasheet HTML 14Page - Microchip Technology LAN7430 Datasheet HTML 15Page - Microchip Technology LAN7430 Datasheet HTML 16Page - Microchip Technology LAN7430 Datasheet HTML 17Page - Microchip Technology LAN7430 Datasheet HTML 18Page - Microchip Technology LAN7430 Datasheet HTML 19Page - Microchip Technology LAN7430 Datasheet HTML 20Page - Microchip Technology LAN7430 Datasheet HTML 21Page - Microchip Technology LAN7430 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
LAN7430/LAN7431
DS00002631D-page 18
 2018-2019 Microchip Technology Inc.
CLK125 MHz
CLK125
VIS
Used as an input from external Ethernet PHY. This signal
may be used by the controller to generate the RGMII TX
clock.
PHY Interrupt
PHY_INT_N
VIS
Interrupt from external Ethernet PHY.
PHY Reset
PHY_RESET_N
VO12
Reset to external Ethernet PHY.
Duplex Mode
DUPLEX
VIS
Duplex Mode. This signal connects to the Duplex Mode
output from external Ethernet PHY.
When set the external Ethernet PHY is in Full Duplex
mode.
Note:
If the Ethernet PHY does not have a duplex
output signal, then it is recommended that this
signal should be tied to VDDVARIO to force full
duplex operation
Management
Interface Data
MDIO
VIS/
VO8
(PU)
This is the management data to/from an external Ether-
net PHY.
Note:
An external pull-up is required when the MII
management interface is used, to ensure that
the IDLE state of the MDIO signal is a logic
one.
Note:
An external pull-up is recommended when the
MII management interface is not used, to avoid
a floating signal.
Management
Interface Clock
MDC
VO8
This is the management clock output to an external
Ethernet PHY
External Fast Ethernet PHY MII (LAN7431 only)
Transmit Data
TXD3
TXD2
TXD1
TXD0
VO12
The MAC transmits data to the external Ethernet PHY
using these signals.
Transmit Enable
TX_EN
VO12
Indicates the presence of valid data on TXD[3:0]
Transmit Error
TX_ER
VO12
Indicates a transmit error condition.
Transmit Clock
TX_CLK
VIS
Used to transfer data from the MAC to the external Ether-
net PHY in MII mode.
100BASE-TX: 25MHz
10BASE-T: 2.5MHz
Collision Detect
COL
VIS
Asserted by external Ethernet PHY to indicate detection
of a collision condition.
Note:
Used in half-duplex mode only.
Carrier Sense
CRS
VIS
Indicates detection of carrier by external Ethernet PHY.
Note:
Used in half-duplex mode only.
Receive Data
RXD3
RXD2
RXD1
RXD0
VIS
The external Ethernet PHY transfers data to the MAC
using these signals.
Receive Data
Valid
RX_DV
VIS
Indicates that recovered and decoded data is being pre-
sented on the receive data pins.
TABLE 3-3:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com