Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN7430 Datasheet(PDF) 39 Page - Microchip Technology

Part # LAN7430
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430 Datasheet(HTML) 39 Page - Microchip Technology

Back Button LAN7430 Datasheet HTML 35Page - Microchip Technology LAN7430 Datasheet HTML 36Page - Microchip Technology LAN7430 Datasheet HTML 37Page - Microchip Technology LAN7430 Datasheet HTML 38Page - Microchip Technology LAN7430 Datasheet HTML 39Page - Microchip Technology LAN7430 Datasheet HTML 40Page - Microchip Technology LAN7430 Datasheet HTML 41Page - Microchip Technology LAN7430 Datasheet HTML 42Page - Microchip Technology LAN7430 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
 2018-2019 Microchip Technology Inc.
DS00002631D-page 39
LAN7430/LAN7431
A signature of F3h indicates that the device is configured using values (MAC Address and subsequent as per EEPROM
Contents) from byte offset 1 in the OTP. A value of F7h indicates that the device is configured loading values (MAC
Address and subsequent as per EEPROM Contents) from byte offset 513 in the OTP.
As with the EEPROM, if a valid signature is not present at byte 0, the OTP shall be deemed to not be programmed and
the hardware shall not use it for configuring the device. Unlike the EEPROM, there is no signature value (e.g. AAh) that
indicates that only the MAC address is to be loaded.
6.10.2.2
Blank / No EEPROM
If A5h or AAh (EEPROM) or F3h or F7h (OTP) is not read from the first address, the EEPROM loader will end initializa-
tion. The device default values will be assumed unless a configured OTP is present.
Where there is no EEPROM or OTP, it is the responsibility of the Host LAN driver software to set the IEEE 802.3 address
by writing to the MAC Receive Address High Register (RX_ADDRH) and MAC Receive Address Low Register (RX_AD-
DRL).
6.11
One Time Programmable Memory (OTP)
The device integrates a 1K One Time Programmable (OTP) memory to store various configuration data and serve as
an EEPROM replacement to reduce bill of material costs. The OTP supports single bit writes and 8-bit reads. An
included OTP interrupt is available to indicate when the OTP is ready. The OTP provides a configurable standby mode
that reduces its power when operations have been completed.
OTP may potentially co-exist with an external EEPROM. Refer to Section 6.10.1, "EEPROM and OTP Relationship" for
additional details.
Certain system level resets may cause the OTP contents to be auto-loaded into the device. Refer to Section 6.10.2,
"EEPROM / OTP Auto-Load" for additional details.
6.12
Resets
The device provides the following chip-level reset sources:
• Power-On Reset (POR)
• External Chip Reset (RESET_N)
• PCIe Fundamental Reset
• Hot Resets
• Function-Level Reset (FLR)
• Soft Reset
• Soft-Lite Reset
• Power Management Soft Reset
Additionally, the device provides non-chip-level resets:
• Ethernet PHY Software Reset
• External PHY Reset
APPLICATION NOTE:
The dual signatures enable a mechanism for the OTP to be programmed twice. This may
prove useful for initial bring up of the device where inadvertently mis-programming the
device could render it non-functional. This scheme requires that when an signature of F3h
is used that only the first 512 bytes (0 through 511) of the OTP are programmed. In the
event that the OTP was mis-configured the device can be “saved” by changing the
signature on byte 0 from F3h to F7h and writing the new content starting at byte 513.
Note:
All OTP configuration is to be performed via the MPLAB Connect Configurator programming tool. Refer to
Section 5.2, "Programming Tools" for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com