Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN7430 Datasheet(PDF) 1 Page - Microchip Technology

Part # LAN7430
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430 Datasheet(HTML) 1 Page - Microchip Technology

  LAN7430 Datasheet HTML 1Page - Microchip Technology LAN7430 Datasheet HTML 2Page - Microchip Technology LAN7430 Datasheet HTML 3Page - Microchip Technology LAN7430 Datasheet HTML 4Page - Microchip Technology LAN7430 Datasheet HTML 5Page - Microchip Technology LAN7430 Datasheet HTML 6Page - Microchip Technology LAN7430 Datasheet HTML 7Page - Microchip Technology LAN7430 Datasheet HTML 8Page - Microchip Technology LAN7430 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
 2018-2019 Microchip Technology Inc.
DS00002631D-page 1
Highlights
• Single Chip PCIe to 10/100/1000 Ethernet Con-
troller with integrated:
- PCIe 3.1 PHY supporting 1 Lane at 2.5GT/s
- PCIe 3.1 Endpoint Controller
- Gigabit Ethernet PHY (LAN7430)
- RGMII v1.3 and v2.0 / MII (LAN7431)
• IEEE Std 1588TM-2008 PTP
- Master and Slave Ordinary clock support
- End-to-end or peer-to-peer support
- PTP multicast and unicast message support
- PTP message transport over IPv4/v6, IEEE
802.3
• Power Management
- PCI-PM and ASPM L0s and L1
- L1.1 and L1.2 PCIe sub-states support
- D3 hot / cold with VAUX detection for PME
wakeup
- Wake on LAN support (WoL, AOAC)
- IEEE 802.3az Energy Efficient Ethernet (EEE)
with 100BASE-TX/1000BASE-T Low Power Idle
and 10BASE-Te TX Amplitude Reduction
(LAN7430)
Target Applications
• Automotive Infotainment / Telematics
• PCIe to Gigabit Ethernet Adapter / Bridge
• PCIe to Gigabit Ethernet on Embedded System
• Gigabit Backplane
• LTE Modem
• Networked Cameras
• Industrial PC (IPC)
• Test Instrumentation / Industrial
System Considerations
• Power and I/Os
- Single 3.3V supply operation with on-chip
Switching and LDO Regulators for core and I/
Os
- GPIOs: 4 (LAN7430), 12 (LAN7431)
- Variable voltage I/O supply (1.8V, 2.5V, or 3.3V)
• Software Support
- Windows 7, 8, 8.1, 10, and OneCore drivers
- Linux driver
- Android driver
- Windows command line OTP / EEPROM
programming and testing utility
• Packaging
- LAN7430: 48-pin SQFN (7 x 7 mm)
- LAN7431: 72-pin SQFN (10 x 10 mm)
• Environmental
- Commercial temp. range (0°C to +70°C)
- Industrial temp. range (-40°C to +85°C)
- AEC-Q100 Grade 2 Automotive Qualified temp.
range (-40°C to +105°C)
Product Features
• Gigabit Ethernet PHY (LAN7430)
- Auto-Negotiation and Auto-MDIX support
- On-chip termination resistors for differential
pairs
-LinkMD® TDR-Based cable diagnostic to iden-
tify faulty copper cabling
- Signal Quality Indicator
- Quiet-WIRE® technology to reduce line emis-
sions and enhance immunity for 100BASE-TX
- Programmable LED Outputs for Link, Activity,
Speed
- Signal Quality Indicator (SQI) support
- IEEE 802.3az Energy Efficient Ethernet (EEE)
• MAC with External Ethernet PHY (LAN7431)
- RGMII supporting Internal Delay, Non-Internal
Delay and Hybrid modes
- MII supporting Fast Ethernet PHY
- Flexibility to operate at 1.8V, 2.5V, or 3.3V
- 9220 Byte Maximum Frame Size
• Gigabit Ethernet MAC includes
- 10/100/1000Mbps half/full-duplex operation
(only full-duplex operation at 1000Mbps)
- Flow control with pause frame for full-duplex
mode
- 100/1000Mbps Low Power Idle for EEE
- MDC/MDIO management for external PHY
- RX frame, link status, EEE wakeup for WoL
• DMA Controller
- Scatter-gather based for efficient data transfer
to/from multiple on-chip RAM locations
- Multi-channel for RX prioritization
• FIFO Controller
- Utilize internal SRAMs to buffer RX and TX traf-
fic between PCIe and Ethernet
- TX LSO and TX Checksum Offload
• Receive Ethernet Packet Filtering
- IP, TCP/UDP, L3, ICMP/IGMP Checksum off-
load
- IEEE 802.1Q VLAN
- Unicast, Multicast, Broadcast
- Perfect / Hash Address
- Priority based channel selection
- Receive Side Scaling (RSS)
• PME Support
- PCIe WAKE# and Beaconing
- PCIe PME Messaging
- GPIO, Link Change, Ethernet Frame for wakeup
• EEPROM / OTP
- External EEPROM support for MAC address
and PCIe configuration
- Integrated OTP memory for EEPROM displace-
ment
• 1149.1 (JTAG) boundary scan
LAN7430/LAN7431
Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY


Similar Part No. - LAN7430

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LAN7241-50R LINKCOM-LAN7241-50R Datasheet
76Kb / 1P
2.5G BASE-T Magnetics Module
LAN7241-70R LINKCOM-LAN7241-70R Datasheet
78Kb / 1P
2.5G BASE-T Magnetics Module
LAN7242-52R LINKCOM-LAN7242-52R Datasheet
74Kb / 1P
10/100/1000BASE-T Magnetics Module
LAN7246-50R LINKCOM-LAN7246-50R Datasheet
70Kb / 1P
5G BASE-T Magnetics Module
logo
SMSC Corporation
LAN7500 SMSC-LAN7500 Datasheet
688Kb / 2P
Hi-Speed USB 2.0 to 10/100/1000 Gigabit Ethernet Controller
More results

Similar Description - LAN7430

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9000 ETC-DM9000 Datasheet
575Kb / 54P
ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
DM9601 ETC1-DM9601 Datasheet
603Kb / 58P
USB Ethernet MAC Controller with Intergrated 10/100 PHY
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
Gigabit Ethernet PHY Transceiver
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
Integrated 10/100 Ethernet MAC PHY
logo
Davicom Semiconductor, ...
DM9000 DAVICOM-DM9000_09 Datasheet
602Kb / 53P
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
DM9601E DAVICOM-DM9601E Datasheet
129Kb / 2P
USB to Ethernet MAC Controller with Integrated 10/100 PHY
logo
Realtek Semiconductor C...
RTL8169SB REALTEK-RTL8169SB Datasheet
1Mb / 51P
INTEGRATED GIGABIT ETHERNET CONTROLLER (NIC)
RTL8111 REALTEK-RTL8111 Datasheet
924Kb / 29P
INTEGRATED GIGABIT ETHERNET CONTROLLER
RTL8111E-VL-CG REALTEK-RTL8111E-VL-CG Datasheet
593Kb / 37P
INTEGRATED GIGABIT ETHERNET CONTROLLER
RTL8169SC REALTEK-RTL8169SC Datasheet
1Mb / 47P
INTEGRATED GIGABIT ETHERNET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com