Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN7430 Datasheet(PDF) 38 Page - Microchip Technology

Part # LAN7430
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430 Datasheet(HTML) 38 Page - Microchip Technology

Back Button LAN7430 Datasheet HTML 34Page - Microchip Technology LAN7430 Datasheet HTML 35Page - Microchip Technology LAN7430 Datasheet HTML 36Page - Microchip Technology LAN7430 Datasheet HTML 37Page - Microchip Technology LAN7430 Datasheet HTML 38Page - Microchip Technology LAN7430 Datasheet HTML 39Page - Microchip Technology LAN7430 Datasheet HTML 40Page - Microchip Technology LAN7430 Datasheet HTML 41Page - Microchip Technology LAN7430 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 77 page
background image
LAN7430/LAN7431
DS00002631D-page 38
 2018-2019 Microchip Technology Inc.
6.9.2
TX PATH (HOST TO ETHERNET)
The 20 KB TX FIFO buffers data transferred by the DMAC from system memory. The FCT is responsible for extracting
the Ethernet frames embedded in the data and passing them to the MAC.
The FCT receives valid data from the DMAC and writes it into the TX FIFO. The write side of the FCT does not perform
any processing on the data. No provisions for rewind on the write side are required, as the DMAC manages its own
buffer RAM and performs rewinds in the event that a DMA transfer is errored. When the FCT writes the Ethernet frame
into the FCT TX FIFO RAM, it prepends a DWORD in front of the TX Command Words, used for internal processing,
that contains the length of the Ethernet frame. The read side of the FCT TX FIFO is responsible for extracting the Ether-
net frames.
6.10
EEPROM Controller (EEP)
The device may use an external EEPROM to store the default values for the PCIe controller and the MAC address. The
EEPROM controller supports most “93C56 or 93C66” type 256/512 byte EEPROMs. A total of nine address bits are
used.
After a system-level reset occurs, the device loads the default values from EEPROM. The device is connected to the
PCIe bus but responds with CRS until this process is completed. The EEPROM controller also allows the Host to read,
write and erase the contents of the Serial EEPROM.
6.10.1
EEPROM AND OTP RELATIONSHIP
A detected external EEPROM alway takes precedence over the OTP. When determining the source to configure the
device the following order is used.
1.
EEPROM Configuration
2.
OTP Configuration
3.
CSR defaults
The Configuration and Status Registers defaults are used if neither the EEPROM nor OTP is determined to be config-
ured.
6.10.2
EEPROM / OTP AUTO-LOAD
Certain system level resets (PCIe Fundamental Reset, Hot Resets, Function-Level Reset (FLR), Power Management
Soft Reset, Power-On Reset (POR), External Chip Reset (RESET_N) and Soft Reset) may cause the EEPROM or OTP
contents to be auto-loaded into the device.
Depending on the reset event, either the PCIe Configuration registers, the system Configuration Status Registers, or
both are programmed. See Section 6.12, "Resets" for additional information.
6.10.2.1
Magic Byte
6.10.2.1.1
EEPROM
After a reset, the EEPROM loader attempts to read the first byte of data from the EEPROM. If the value A5h or AAh is
read from the first address, then the EEPROM loader will assume that a programmed external Serial EEPROM is pres-
ent. A value of AAh in the first address indicates that only the MAC address is to be read and used.
6.10.2.1.2
OTP
As with the EEPROM, a signature is required to define whether or not the OTP has been programmed. If the value F3h
or F7h is found at byte 0, the OTP shall be determined to be programmed.
Note:
A Microwire-style 2K/4K EEPROM that is organized for 256/512 x 8-bit operation must be used.
Note:
All EEPROM configuration is to be performed via the MPLAB Connect Configurator programming tool.
Refer to Section 5.2, "Programming Tools" for additional information.
APPLICATION NOTE:
Certain reset events cause a restoration from previously read EEPROM / OTP values
rather than rereading the EEPROM or OTP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com