Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN7430 Datasheet(PDF) 34 Page - Microchip Technology

Part # LAN7430
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430 Datasheet(HTML) 34 Page - Microchip Technology

Back Button LAN7430 Datasheet HTML 30Page - Microchip Technology LAN7430 Datasheet HTML 31Page - Microchip Technology LAN7430 Datasheet HTML 32Page - Microchip Technology LAN7430 Datasheet HTML 33Page - Microchip Technology LAN7430 Datasheet HTML 34Page - Microchip Technology LAN7430 Datasheet HTML 35Page - Microchip Technology LAN7430 Datasheet HTML 36Page - Microchip Technology LAN7430 Datasheet HTML 37Page - Microchip Technology LAN7430 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
LAN7430/LAN7431
DS00002631D-page 34
 2018-2019 Microchip Technology Inc.
• The 125MHz clock is provided from an external clock source.
• The LAN7431 can output a 25MHz reference Clock that can be converted for generating the RGMII TXC Signal.
Table 6-1 describes the RGMII signals. Refer to the RGMII Version 2.0 Specification for more detailed information.
The LAN7431 RGMII pin connections to a MAC are detailed in Figure 6-1.
TABLE 6-1:
RGMII SIGNAL DEFINITION
RGMII Signal
Name
Pin Type
(with respect to LAN7431)
Pin Type
(with respect to MAC)
Description
TXC
Output
Input
Transmit Reference Clock
(125MHz for 1000Mbps, 25MHz for 100
Mbps, 2.5MHz for 10 Mbps)
TX_CTL
Output
Input
Transmit Control
TXD[3:0]
Output
Input
Transmit Data [3:0]
RXC
Input
Output
Receive Reference Clock
(125MHz for 1000Mbps, 25MHz for 100
Mbps, 2.5MHz for 10 Mbps)
RX_CTL
Input
Output
Receive Control
RXD[3:0]
Input
Output
Receive Data [3:0]
FIGURE 6-1:
RGMII SIGNAL DIAGRAM
TXC
TX_CTL
TD[3:0]
RXC
RX_CTL
RXD[3:0]
ETH Ref CLK
LAN7431 MAC Interface
MAC Interface
TXC
TX_CTL
TXD[3:0]
RXC
RX_CTL
RXD[3:0]
CLK125
RGMII
OSC
125MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com