Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN7430 Datasheet(PDF) 16 Page - Microchip Technology

Part # LAN7430
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430 Datasheet(HTML) 16 Page - Microchip Technology

Back Button LAN7430 Datasheet HTML 12Page - Microchip Technology LAN7430 Datasheet HTML 13Page - Microchip Technology LAN7430 Datasheet HTML 14Page - Microchip Technology LAN7430 Datasheet HTML 15Page - Microchip Technology LAN7430 Datasheet HTML 16Page - Microchip Technology LAN7430 Datasheet HTML 17Page - Microchip Technology LAN7430 Datasheet HTML 18Page - Microchip Technology LAN7430 Datasheet HTML 19Page - Microchip Technology LAN7430 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
LAN7430/LAN7431
DS00002631D-page 16
 2018-2019 Microchip Technology Inc.
3.3
Pin Descriptions
This section provides descriptions of each individual pin function. Buffer type definitions are detailed in Table 1-2.
TABLE 3-3:
PIN DESCRIPTIONS
Name
Symbol
Buffer
Type
Description
Gigabit Ethernet PHY Interface (LAN7430 only)
Ethernet TX/RX
Positive
Channel A
TXRXP_A
AIO
Media Dependent Interface[0], positive signal of differen-
tial pair
1000BT mode: TXRXP_A corresponds to BI_DA+ for
MDI configuration and BI_DB+ for MDI-X configuration,
respectively.
10BT/100BT mode: TXRXP_A is the positive transmit
signal (TX+) for MDI configuration and the positive
receive signal (RX+) for MDI-X configuration, respec-
tively.
Ethernet TX/RX
Negative
Channel A
TXRXM_A
AIO
Media Dependent Interface[0], negative signal of differen-
tial pair
1000BT mode: TXRXM_A corresponds to BI_DA- for
MDI configuration and BI_DB- for MDI-X configuration,
respectively.
10BT/100BT-TX mode: TXRXM_A is the negative trans-
mit signal (TX-) for MDI configuration and the negative
receive signal (RX-) for MDI-X configuration, respectively.
Ethernet TX/RX
Positive
Channel B
TXRXP_B
AIO
Media Dependent Interface[1], positive signal of differen-
tial pair
1000BT mode: TXRXP_B corresponds to BI_DB+ for
MDI configuration and BI_DA+ for MDI-X configuration,
respectively.
10BT/100BT mode: TXRXP_B is the positive receive sig-
nal (RX+) for MDI configuration and the positive transmit
signal (TX+) for MDI-X configuration, respectively.
Ethernet TX/RX
Negative
Channel B
TXRXM_B
AIO
Media Dependent Interface[1], negative signal of differen-
tial pair
1000BT mode: TXRXM_B corresponds to BI_DB- for
MDI configuration and BI_DA- for MDI-X configuration,
respectively.
10BT/100BT mode: TXRXP_B is the negative receive
signal (RX-) for MDI configuration and the negative trans-
mit signal (TX-) for MDI-X configuration, respectively.
Ethernet TX/RX
Positive
Channel C
TXRXP_C
AIO
Media Dependent Interface[2], positive signal of differen-
tial pair
1000BT mode: TXRXP_C corresponds to BI_DC+ for
MDI configuration and BI_DD+ for MDI-X configuration,
respectively.
10BT/100BT mode: TXRXP_C is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com