Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3302-I/ST Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP3302-I/ST
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3302-I/ST Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP3302-I/ST Datasheet HTML 18Page - Microchip Technology MCP3302-I/ST Datasheet HTML 19Page - Microchip Technology MCP3302-I/ST Datasheet HTML 20Page - Microchip Technology MCP3302-I/ST Datasheet HTML 21Page - Microchip Technology MCP3302-I/ST Datasheet HTML 22Page - Microchip Technology MCP3302-I/ST Datasheet HTML 23Page - Microchip Technology MCP3302-I/ST Datasheet HTML 24Page - Microchip Technology MCP3302-I/ST Datasheet HTML 25Page - Microchip Technology MCP3302-I/ST Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
MCP3302/04
DS21697B-page 22
 2002 Microchip Technology Inc.
7.0
SERIAL COMMUNICATIONS
7.1
Output Code Format
The output code format is a binary two’s complement
scheme, with a leading sign bit that indicates the sign
of the output. If the IN+ input is higher than the IN-
input, the sign bit will be a zero. If the IN- input is higher,
the sign bit will be a ‘1’.
The diagram shown in Figure 7-1 shows the output
code transfer function. In this diagram, the horizontal
axis is the analog input voltage and the vertical axis is
the output code of the ADC. It shows that when IN+ is
equal to IN-, both the sign bit and the data word is zero.
As IN+ gets larger with respect to IN-, the sign bit is a
zero and the data word gets larger. The full scale output
code is reached at +4095 when the input [(IN+) - (IN-)]
reaches VREF - 1 LSB. When IN- is larger than IN+, the
two’s complement output codes will be seen with the
sign bit being a one. Some examples of analog input
levels and corresponding output codes are shown in
Table 7-1.
TABLE 7-1:
BINARY TWO’S
COMPLEMENT OUTPUT
CODE EXAMPLES.
FIGURE 7-1:
Output Code Transfer Function.
Analog Input Levels
Sign
Bit
Binary Data
Decimal
DATA
Full Scale Positive
(IN+)-(IN-)=VREF-1 LSB
0
1111 1111 1111
+4095
(IN+)-(IN-) = VREF-2 LSB
0
1111 1111 1110
+4094
IN+ = (IN-) +2 LSB
0
0000 0000 0010
+2
IN+ = (IN-) +1 LSB
0
0000 0000 0001
+1
IN+ = IN-
0
0000 0000 0000
0
IN+ = (IN-) - 1 LSB
1
1111 1111 1111
-1
IN+ = (IN-) - 2 LSB
1
1111 1111 1110
-2
(IN+)-(IN-) = VREF-2 LSB
1
0000 0000 0001
-4095
Full Scale Negative
(IN+)-(IN-) = VREF-1 LSB
1
0000 0000 0000
-4096
IN+ > IN-
IN+ < IN-
0 + 0000 0000 0001 (+1)
0 + 0000 0000 0010 (+2)
0 + 0000 0000 0011 (+3)
1 + 1111 1111 1101 (-3)
1 + 1111 1111 1110 (-2)
1 + 1111 1111 1111 (-1)
0 + 1111 1111 1110 (+4094)
0 + 1111 1111 1111 (+4095)
1 + 0000 0000 0000 (-4096)
1 + 0000 0000 0001 (-4095)
Output
Code
0 + 0000 0000 0000 (0)
VREF
-VREF
Positive Full
Scale Output = VREF -1 LSB
Negative Full
Scale Output = -VREF
Analog Input
IN+ - IN-
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com