Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3302-I/ST Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP3302-I/ST
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3302-I/ST Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP3302-I/ST Datasheet HTML 25Page - Microchip Technology MCP3302-I/ST Datasheet HTML 26Page - Microchip Technology MCP3302-I/ST Datasheet HTML 27Page - Microchip Technology MCP3302-I/ST Datasheet HTML 28Page - Microchip Technology MCP3302-I/ST Datasheet HTML 29Page - Microchip Technology MCP3302-I/ST Datasheet HTML 30Page - Microchip Technology MCP3302-I/ST Datasheet HTML 31Page - Microchip Technology MCP3302-I/ST Datasheet HTML 32Page - Microchip Technology MCP3302-I/ST Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
 2002 Microchip Technology Inc.
DS21697B-page 29
MCP3302/04
14-Lead Plastic Dual In-line (P) – 300 mil (PDIP)
E1
n
D
1
2
eB
β
E
c
A
A1
B
B1
L
A2
p
α
Units
INCHES*
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
MIN
NOM
MAX
Number of Pins
n
14
14
Pitch
p
.100
2.54
Top to Seating Plane
A
.140
.155
.170
3.56
3.94
4.32
Molded Package Thickness
A2
.115
.130
.145
2.92
3.30
3.68
Base to Seating Plane
A1
.015
0.38
Shoulder to Shoulder Width
E
.300
.313
.325
7.62
7.94
8.26
Molded Package Width
E1
.240
.250
.260
6.10
6.35
6.60
Overall Length
D
.740
.750
.760
18.80
19.05
19.30
Tip to Seating Plane
L
.125
.130
.135
3.18
3.30
3.43
Lead Thickness
c
.008
.012
.015
0.20
0.29
0.38
Upper Lead Width
B1
.045
.058
.070
1.14
1.46
1.78
Lower Lead Width
B
.014
.018
.022
0.36
0.46
0.56
Overall Row Spacing
§
eB
.310
.370
.430
7.87
9.40
10.92
Mold Draft Angle Top
α
5
10
15
5
10
15
β
5
10
15
5
10
15
Mold Draft Angle Bottom
* Controlling Parameter
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per side.
JEDEC Equivalent: MS-001
Drawing No. C04-005
§ Significant Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com