Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3302-I/ST Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP3302-I/ST
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3302-I/ST Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP3302-I/ST Datasheet HTML 14Page - Microchip Technology MCP3302-I/ST Datasheet HTML 15Page - Microchip Technology MCP3302-I/ST Datasheet HTML 16Page - Microchip Technology MCP3302-I/ST Datasheet HTML 17Page - Microchip Technology MCP3302-I/ST Datasheet HTML 18Page - Microchip Technology MCP3302-I/ST Datasheet HTML 19Page - Microchip Technology MCP3302-I/ST Datasheet HTML 20Page - Microchip Technology MCP3302-I/ST Datasheet HTML 21Page - Microchip Technology MCP3302-I/ST Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
MCP3302/04
DS21697B-page 18
 2002 Microchip Technology Inc.
FIGURE 6-3:
Analog Input Model.
6.2.1
MAINTAINING MINIMUM CLOCK
SPEED
When the MCP3302/04 initiates, charge is stored on
the sample capacitor. When the sample period is com-
plete, the device converts one bit for each clock that is
received. It is important for the user to note that a slow
clock rate will allow charge to bleed off the sample cap
while the conversion is taking place. For the MCP330X
devices, the recommended minimum clock speed dur-
ing the conversion cycle (TCONV) is 105 kHz. Failure to
meet this criteria may induce linearity errors into the
conversion outside the rated specifications. It should
be noted that during the entire conversion cycle, the
A/D converter does not have requirements for clock
speed or duty cycle, as long as all timing specifications
are met.
6.3
Biasing Solutions
For pseudo-differential bipolar operation, the biasing
circuit (shown in Figure 6-4) shows a single ended
input AC coupled to the converter. This configuration
will give a digital output range of -4096 to +4095. With
the 2.5V reference, the LSB size equal to 610
µV.
Although the ADC is not production tested with a 2.5V
reference as shown, linearity will not change more than
0.1 LSB. See Figure 2-2 and Figure 2-9 for DNL and
INL errors versus VREF at VDD = 5V. A trade-off exists
between the high pass corner and the acquisition time.
The value of C will need to be quite large in order to
bring down the high pass corner. The value of R will
need to be 1 k
Ω, or less, since higher input impedances
require additional acquisition time. Using the RC values
in Figure 6-4, we have a 100 Hz corner frequency. See
Figure 2-12 for relation between input impedance and
acquisition time.
FIGURE 6-4:
Pseudo-differential biasing
circuit for bipolar operation.
Using an external operation amplifier on the input
allows for gain and also buffers the input signal from the
input to the ADC allowing for a higher source imped-
ance. This circuit is shown in Figure 6-5.
CPIN
VA
RSS CHx
7pF
VT = 0.6V
VT = 0.6V
ILEAKAGE
Sampling
Switch
SS
RS = 1 kΩ
CSAMPLE
= DAC capacitance
VSS
VDD
= 25 pF
±1 nA
Legend
VA
= signal source
RSS = source impedance
CHx
= input channel pad
CPIN = input pin capacitance
VT = threshold voltage
ILEAKAGE = leakage current at the pin
due to various junctions
SS
= sampling switch
RS = sampling switch resistor
CSAMPLE = sample/hold capacitance
VDD = 5V
0.1 µF
IN+
IN-
VREF
MCP330X
1µF
MCP1525
VIN
VOUT
0.1 µF
1k
Ω
10 µF
VIN
R
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com