Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3302-I/ST Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP3302-I/ST
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3302-I/ST Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP3302-I/ST Datasheet HTML 27Page - Microchip Technology MCP3302-I/ST Datasheet HTML 28Page - Microchip Technology MCP3302-I/ST Datasheet HTML 29Page - Microchip Technology MCP3302-I/ST Datasheet HTML 30Page - Microchip Technology MCP3302-I/ST Datasheet HTML 31Page - Microchip Technology MCP3302-I/ST Datasheet HTML 32Page - Microchip Technology MCP3302-I/ST Datasheet HTML 33Page - Microchip Technology MCP3302-I/ST Datasheet HTML 34Page - Microchip Technology MCP3302-I/ST Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
 2002 Microchip Technology Inc.
DS21697B-page 31
MCP3302/04
14-Lead Plastic Thin Shrink Small Outline (ST) – 4.4 mm (TSSOP)
8
4
0
8
4
0
φ
Foot Angle
10
5
0
10
5
0
β
Mold Draft Angle Bottom
10
5
0
10
5
0
α
Mold Draft Angle Top
0.30
0.25
0.19
.012
.010
.007
B1
Lead Width
0.20
0.15
0.09
.008
.006
.004
c
Lead Thickness
0.70
0.60
0.50
.028
.024
.020
L
Foot Length
5.10
5.00
4.90
.201
.197
.193
D
Molded Package Length
4.50
4.40
4.30
.177
.173
.169
E1
Molded Package Width
6.50
6.38
6.25
.256
.251
.246
E
Overall Width
0.15
0.10
0.05
.006
.004
.002
A1
Standoff §
0.95
0.90
0.85
.037
.035
.033
A2
Molded Package Thickness
1.10
.043
A
Overall Height
0.65
.026
p
Pitch
14
14
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS*
INCHES
Units
L
β
c
φ
2
1
D
n
B
p
E1
E
α
A2
A1
A
* Controlling Parameter
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.005” (0.127mm) per side.
JEDEC Equivalent: MO-153
Drawing No. C04-087
§ Significant Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com