Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3302-I/ST Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP3302-I/ST
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3302-I/ST Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP3302-I/ST Datasheet HTML 5Page - Microchip Technology MCP3302-I/ST Datasheet HTML 6Page - Microchip Technology MCP3302-I/ST Datasheet HTML 7Page - Microchip Technology MCP3302-I/ST Datasheet HTML 8Page - Microchip Technology MCP3302-I/ST Datasheet HTML 9Page - Microchip Technology MCP3302-I/ST Datasheet HTML 10Page - Microchip Technology MCP3302-I/ST Datasheet HTML 11Page - Microchip Technology MCP3302-I/ST Datasheet HTML 12Page - Microchip Technology MCP3302-I/ST Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
 2002 Microchip Technology Inc.
DS21697B-page 9
MCP3302/04
Note:
Unless otherwise indicated, VDD = VREF = 5V, Full differential input configuration, VSS = 0V,
FSAMPLE = 100 ksps, FCLK = 21*FSAMPLE, TA = 25°C.
FIGURE 2-13:
Differential Nonlinearity
(DNL) vs. Code (Representative Part).
FIGURE 2-14:
Differential Nonlinearity
(DNL) vs. Temperature.
FIGURE 2-15:
Positive Gain Error vs.
VREF.
FIGURE 2-16:
Differential Nonlinearity
(DNL) vs. Code (Representative Part,
VDD = 2.7V).
FIGURE 2-17:
Differential Nonlinearity
(DNL) vs. Temperature (VDD = 2.7V).
FIGURE 2-18:
Offset Error vs. VREF.
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-4096
-3072
-2048
-1024
0
1024
2048
3072
4096
Code
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
Positive DNL
Negaitive DNL
-3
-2
-1
0
1
2
3
4
01234
56
VREF(V)
VDD=5V
FSAMPLE = 100 ksps
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-4096
-3072
-2048
-1024
0
1024
2048
3072
4096
Code
VDD=VREF=2.7V
FSAMPLE = 50 ksps
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
VDD=VREF=2.7V
FSAMPLE = 50 ksps
Positive DNL
Negative DNL
0
2
4
6
8
10
12
14
16
18
20
0123456
VREF(V)
VDD = 5V
FSAMPLE = 100 ksps
VDD = 2.7V
FSAMPLE = 50 ksps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com